Electronic Components Datasheet Search
  English  ▼

X  

192 Datasheet(PDF) 5 Page - Honeywell Solid State Electronics Center

Part # 192
Description  Temperature Sensors Line Guide
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

192 Datasheet(HTML) 5 Page - Honeywell Solid State Electronics Center

  192 Datasheet HTML 1Page - Honeywell Solid State Electronics Center 192 Datasheet HTML 2Page - Honeywell Solid State Electronics Center 192 Datasheet HTML 3Page - Honeywell Solid State Electronics Center 192 Datasheet HTML 4Page - Honeywell Solid State Electronics Center 192 Datasheet HTML 5Page - Honeywell Solid State Electronics Center 192 Datasheet HTML 6Page - Honeywell Solid State Electronics Center 192 Datasheet HTML 7Page - Honeywell Solid State Electronics Center 192 Datasheet HTML 8Page - Honeywell Solid State Electronics Center 192 Datasheet HTML 9Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
www.honeywell.com/sensing
5
111 Series
112 Series
115 Series
Description
small, hermetically-sealed glass bead
large, hermetically-sealed glass bead
E-I tested and matched beads on header
assembly
Operating temperature range
-60 °C to 300 °C [-76 °F to 572 °F]
-60 °C to 300 °C [-76 °F to 572 °F]
-60 °C to 300 °C [-76 °F to 572 °F]
Dissipation constant in still air
0,1 mW/°C
0,4 mW/°C
varies with assembly type
Time constant in air
0.5 s
4.0 s
0.5 s
Nominal resistance
at [25 °F to 77 °F]
1,000 Ohm, 2,000 Ohm, 8,000 Ohm,
10,000 Ohm, 100,000 Ohm
200 Ohm, 500 Ohm, 1,000 Ohm, 2,000
Ohm, 5,000 Ohm, 10,000 Ohm, 50,000
Ohm, 100,000 Ohm, 500,000 Ohm,
2,000,000 Ohm
2,000 Ohm, 8,000 Ohm
Maximum diameter
0,36 mm [0.014 in]
1,14 mm [0.045 in]
0,36 mm [0.014 in]
Termination material
platinum iridium
platinum iridium
glass to metal header
Lead length
9,6 mm [0.375 in]
9,6 mm [0.375 in]
31,75 mm [1.25 in]
120 Series
121 Series
Description
mini glass probe
standard glass probe
Operating temperature range
-60 °C to 300 °C [-76 °F to 572 °F]
-60 °C to 300 °C [-76 °F to 572 °F]
Dissipation constant in still air
0,7 mW/°C, 1,0 mW/°C
1,0 mW/°C
Time constant in air
10.0 s
22.0 s
Nominal resistance
at [25 °F to 77 °F]
1,000 Ohm, 2,000 Ohm, 10,000 Ohm
2,000 Ohm, 5,000 Ohm, 10,000 Ohm, 50,000 Ohm, 100,000
Ohm, 1,000,000 Ohm
Maximum diameter
1,5 mm [0.060 in]
2,54 mm [0.10 in]
Termination material
dumet
dumet
Lead length
31,8 mm [1.25 in]
50,8 mm [2.00 in]
discrete Thermistors
discrete Thermistors



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com