Electronic Components Datasheet Search
  English  ▼

X  

196 Datasheet(PDF) 3 Page - Honeywell Solid State Electronics Center

Part # 196
Description  Temperature Sensors Line Guide
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

196 Datasheet(HTML) 3 Page - Honeywell Solid State Electronics Center

  196 Datasheet HTML 1Page - Honeywell Solid State Electronics Center 196 Datasheet HTML 2Page - Honeywell Solid State Electronics Center 196 Datasheet HTML 3Page - Honeywell Solid State Electronics Center 196 Datasheet HTML 4Page - Honeywell Solid State Electronics Center 196 Datasheet HTML 5Page - Honeywell Solid State Electronics Center 196 Datasheet HTML 6Page - Honeywell Solid State Electronics Center 196 Datasheet HTML 7Page - Honeywell Solid State Electronics Center 196 Datasheet HTML 8Page - Honeywell Solid State Electronics Center 196 Datasheet HTML 9Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
www.honeywell.com/sensing
3
6655 Series
Temperature sensing type
air/surface
Thermistor type
NTC
Nominal resistance at
25 °C [77 °F]
10,000 Ohm, 12,000 Ohm
Operating temperature range
-20 °C to 110 °C [-4 °F to 230 °F]
Housing material
phenolic
Electrical and mechanical
interface
quick connect terminal: (90°, 0.25 in), (0°, 0.25 in), (45°, 0.25 in), (90°, 0.1875 in)
HEL-705, 707, 710 Series
HEL-775 Series
Sensor type
100 Ohm, 1000 Ohm platinum RTD
100 Ohm, 1000 Ohm platinum RTD
Temperature coeffiecient
0.00385 Ohm/Ohm/°C, 0.00375 Ohm/
Ohm/°C
0.00385 Ohm/Ohm/°C, 0.00375 Ohm/
Ohm/°C
Temperature sensing range
TFE Teflon: -70° to +260°C
(-94° to +500°F)
Fiberglass: -75° to +500°C
(-100° to +932°F)
-55 °C to 150 °C
[-67 °F to 302 °F]
Packaging type
alumina tube
ceramic case
Termination
28 ga. or 24 ga. leadwire
SIP
Base resistance and
interchangeability
100 Ohm ±1; 0.6 Ohm at 0 °C,
100 Ohm ±1; 1.2 Ohm at 0 °C,
1000 Ohm ±1; 0.6 Ohm at 0 °C,
1000 Ohm ±1; 1.2 Ohm at 0 °C
100 Ohm ±1; 0.6 Ohm at 0 °C,
100 Ohm ±1; 1.2 Ohm at 0 °C,
1000 Ohm ±1; 0.6 Ohm at 0 °C,
1000 Ohm ±1; 1.2 Ohm at 0 °C
Self-heating
<15 mW/°C for 0.85 O.D. typ.
<6,8 mW/°C typ.,
9,7 mW/°C typ.
Packaged
Temperature Probes
discrete RTd
Sensors
discrete and Packaged RTd
Sensors:
Our platinum-based
RTDs are laser-trimmed for
accuracy and flexibility —
designed to offer stable and
fast linear outputs, accurate
and interchangeable, plus
plastic and ceramic, miniatur-
ized and surface mount hous-
ings (including printed circuit
board termination). Potential
applications include motor
overload and semiconductor
protection, electronic assem-
bly thermal management and
temperature compensation, as
well as HVAC equipment.
discrete Thermistors:
These
sensors don’t amplify, rectify,
polarize or generate a signal,
but rather change resistance
with any change in tempera-
ture. The change can occur in
the surrounding temperature or
by passing a current through
the thermistor to self-heat.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com