Electronic Components Datasheet Search
  English  ▼

X  

F1G5C Datasheet(PDF) 2 Page - Integrated Technology Future

Part # F1G5C
Description  SAW Bandpass Filter F1G5C
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITF [Integrated Technology Future]
Direct Link  http://www.itf.co.kr
Logo ITF - Integrated Technology Future

F1G5C Datasheet(HTML) 2 Page - Integrated Technology Future

  F1G5C Datasheet HTML 1Page - Integrated Technology Future F1G5C Datasheet HTML 2Page - Integrated Technology Future F1G5C Datasheet HTML 3Page - Integrated Technology Future F1G5C Datasheet HTML 4Page - Integrated Technology Future F1G5C Datasheet HTML 5Page - Integrated Technology Future F1G5C Datasheet HTML 6Page - Integrated Technology Future F1G5C Datasheet HTML 7Page - Integrated Technology Future  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
SAW Bandpass Filter F1G5C
Part No.
F1G5C
Rev. Date
2011-07-27
I T F
Co., Ltd.
102-901, Bucheon Technopark 364,
Samjeong-Dong, Ojeong-Gu, Bucheon-City,
Gyounggi-Do, Korea 421-809
Rev.
NCMG01-AS01
2/7
Specifications
Fc = 1575.42 MHz
Terminating source impedance
: 50
Ω
Terminating load impedance
: 50
Ω
Notes :
1) All specifications are based on the matching schematic shown below, measured by Agilent Network analyzer and
full 2 port calibration.
2) Electrical margin has been built into the design to account for the variations due to temperature drift and manufacturing
tolerances
3) All attenuation measurements are measured relative to insertion loss
Minimum
Typical
Maximum
Unit
Center Frequency ( Fc )
-
1575.42
-
MHz
Insertion Loss (Fo +/- 1 MHz)
-
1.2
1.6
dB
Amplitude Ripple (Fo +/- 1 MHz)
-
0.1
1.0
dBp-p
VSWR (Fo +/- 1 MHz)
-
1.2
2.0
Relative Attenuation
D.C. ~ 1000 MHz
1500 MHz
1625 ~ 1635 MHz
1800 ~ 3000 MHz
20.0
33.0
30.0
25.0
34.0
38.0
39.0
32.0
-
-
-
-
dB
Input/Output Impedance
50
Ohms



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com