Electronic Components Datasheet Search
  English  ▼

X  

DFE10I600PM Datasheet(PDF) 2 Page - IXYS Corporation

Part # DFE10I600PM
Description  Fast Recovery Diode Low Loss and Soft Recovery Single Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

DFE10I600PM Datasheet(HTML) 2 Page - IXYS Corporation

  DFE10I600PM Datasheet HTML 1Page - IXYS Corporation DFE10I600PM Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DFE 10 I 600PM
advanced
I
RMS
A
per pin*
35
R
thCH
K/W
0.50
M
D
Nm
0.6
mounting torque
0.4
T
stg
°C
150
storage temperature
-55
Weight
g
2
Symbol
Definition
Ratings
typ.
max.
min.
Conditions
RMS current
thermal resistance case to heatsink
Unit
* Irms is typically limited by: 1. pin-to-chip resistance; or by 2. current capability of the chip.
In case of 1, a common cathode/anode configuration and a non-isolated backside, the whole current capability can be used by connecting
the backside.
Outlines TO-220ACFP
F
C
N
60
mounting force with clip
20
IXYS reserves the right to change limits, conditions and dimensions.
© 2006 IXYS all rights reserved
* Data according to IEC 60747and per diode unless otherwise specified



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com