Electronic Components Datasheet Search
  English  ▼

X  

DHG30IM600PC Datasheet(PDF) 1 Page - IXYS Corporation

Part # DHG30IM600PC
Description  Sonic Fast Recovery Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

DHG30IM600PC Datasheet(HTML) 1 Page - IXYS Corporation

  DHG30IM600PC Datasheet HTML 1Page - IXYS Corporation DHG30IM600PC Datasheet HTML 2Page - IXYS Corporation DHG30IM600PC Datasheet HTML 3Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DHG 30 IM 600 PC
advanced
ns
Sonic Fast Recovery Diode
Symbol
Definition
R a t i n g s
Features / Advantages:
typ.
max.
I
FSM
I
R
A
V
200
I
A
V
F
2.37
R
0.60 K/W
V
R =
2
1
3
min.
30
t = 10 ms
Applications:
VRRM
V
600
50
T
VJ
V°C
=
T
VJ
°C
=mA
5
Package:
Part number
V
R =
T
VJ =°C
I
F
=A
V
TC = 95°C
d =
P
tot
210
W
TC
°C
=
T
VJ
150
°C
-55
V
I
RRM =
=
600
30
30
T
VJ =
45°C
DHG 30 IM 600 PC
V
A
600
V
600
25
25
25
max. repetitive reverse voltage
reverse current
forward voltage
virtual junction temperature
total power dissipation
max. forward surge current
Conditions
Unit
3.18
TVJ
°C
=25
C
J
junction capacitance
V =
V;
T
125
V
F0
V
1.31
T
VJ = 150°C
rF
29.2
Ω
f = 1 MHz
=
°C
25
m
V
2.22
TVJ =°C
IF =A
V
30
150
3.11
I
F
=A
60
IF =A
60
threshold voltage
slope resistance
for power loss calculation only
Backside: cathode
12
A
T
VJ =°C
reverse recovery time
A
tbd
35
tbd
ns
(50 Hz), sine
t
rr
=
35 ns
● Housing:
High Performance Fast Recovery Diode
Low Loss and Soft Recovery
Single Diode
TO-263 (D2Pak)
●rIndustry standard outline
●rEpoxy meets UL 94V-0
●rRoHS compliant
R
VJ
I
RM
max. reverse recovery current
IF =A;
35
25
T=
°C
VJ
-diF
=A/µs
600
/dt
t
rr
VR =V
400
TVJ =°C
25
T=
°C
VJ
µA
16
400
pF
thermal resistance junction to case
thJC
rectangular
0.5
● Planar passivated chips
● Very low leakage current
● Very short recovery time
● Improved thermal behaviour
● Very low Irm-values
● Very soft recovery behaviour
● Avalanche voltage rated for reliable
operation
● Soft reverse recovery for low EMI/RFI
● Low Irm reduces:
- Power dissipation within the diode
- Turn-on loss in the commutating switch
● Antiparallel diode for high frequency
switching devices
● Antisaturation diode
● Snubber diode
● Free wheeling diode
● Rectifiers in switch mode power
supplies (SMPS)
● Uninterruptible power supplies (UPS)
FAV
average forward current
FAV
IXYS reserves the right to change limits, conditions and dimensions.
©
20081031
Data according to IEC 60747and per diode unless otherwise specified
2008 IXYS all rights reserved


Similar Part No. - DHG30IM600PC

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
DHG30IM600PC ISC-DHG30IM600PC Datasheet
304Kb / 2P
Fast Recovery Rectifier
More results

Similar Description - DHG30IM600PC

ManufacturerPart #DatasheetDescription
logo
Power Semiconductors
ARF221 POSEICO-ARF221 Datasheet
43Kb / 4P
FAST RECOVERY DIODE
ARF241 POSEICO-ARF241 Datasheet
43Kb / 4P
FAST RECOVERY DIODE
ARF462 POSEICO-ARF462 Datasheet
105Kb / 2P
FAST RECOVERY DIODE
ARF565 POSEICO-ARF565 Datasheet
45Kb / 4P
FAST RECOVERY DIODE
ARF673 POSEICO-ARF673 Datasheet
104Kb / 2P
FAST RECOVERY DIODE
logo
IXYS Corporation
DH20-18A IXYS-DH20-18A Datasheet
32Kb / 1P
Fast Recovery Diode SONIC-FRD series
DHG30I1200HA IXYS-DHG30I1200HA Datasheet
103Kb / 4P
Sonic Fast Recovery Diode
DHG40C1200HB IXYS-DHG40C1200HB Datasheet
110Kb / 4P
Sonic Fast Recovery Diode High Perfromance East Recovery Diode Low Lss and Soft Recovery Common Cathode
DH40-18A IXYS-DH40-18A Datasheet
47Kb / 1P
Fast Recovery Diode SONIC-FRD series
DHG20C1200PB IXYS-DHG20C1200PB Datasheet
163Kb / 4P
Sonic Fast Recovery Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com