Electronic Components Datasheet Search
  English  ▼

X  

DPG60C400QB Datasheet(PDF) 2 Page - IXYS Corporation

Part # DPG60C400QB
Description  High Performance Fast Recovery Diode Low Loss and Soft Recovery Common Cathode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

DPG60C400QB Datasheet(HTML) 2 Page - IXYS Corporation

  DPG60C400QB Datasheet HTML 1Page - IXYS Corporation DPG60C400QB Datasheet HTML 2Page - IXYS Corporation DPG60C400QB Datasheet HTML 3Page - IXYS Corporation DPG60C400QB Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DPG 60 C 400 HB
I
RMS
A
per pin
50
RthCH
K/W
0.25
M
D
Nm
1.2
mounting torque
0.8
T
stg
°C
150
storage temperature
-55
Weight
g
6
Symbol
Definition
Ratings
typ.
max.
min.
Conditions
RMS current
thermal resistance case to heatsink
Unit
I
is typically limited by: 1. pin-to-chip resistance; or by 2. current capability of the chip.
In case of 1, a common cathode/anode configuration and a non-isolated backside, the whole current capability can be used by connecting
the backside.
F
C
N
120
mounting force with clip
20
Ordering
Delivering Mode
Base Qty Code Key
Standard
Part Name
DPG 60 C 400 HB
505825
Tube
30
XXXXXX
YYWW
Logo
Marking on product
DateCode
Assembly Code
abcdef
Product Marking
D
P
G
60
C
400
HB
Part number
Diode
HiPerFRED
extreme fast
Common Cathode
TO-247AD (3)
=
=
=
DPG60C400QB
DPG80C400HB
TO-3P (3)
TO-247AD (3)
Similar Part
Package
1)
1)
Marking on Product
DPG60C400HB
400
400
Voltage Class
Current Rating [A]
Reverse Voltage [V]
=
=
=
=
RMS
IXYS reserves the right to change limits, conditions and dimensions.
©
20100125a
Data according to IEC 60747and per diode unless otherwise specified
2010 IXYS all rights reserved



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com