Electronic Components Datasheet Search
  English  ▼

X  

DSA70C150HB Datasheet(PDF) 4 Page - IXYS Corporation

Part # DSA70C150HB
Description  High Performance Schottky Diode Low Loss and Soft Recovery Common Cathode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

DSA70C150HB Datasheet(HTML) 4 Page - IXYS Corporation

  DSA70C150HB Datasheet HTML 1Page - IXYS Corporation DSA70C150HB Datasheet HTML 2Page - IXYS Corporation DSA70C150HB Datasheet HTML 3Page - IXYS Corporation DSA70C150HB Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
DSA 70 C 150 HB
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0
10
20
30
40
50
60
70
0
40
80
120
160
0.0001
0.001
0.01
0.1
1
10
100
10
30
50
020
40
0
10
20
30
40
1
10
100
1000
10000
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0
50
100
150
200
0
10
20
30
40
50
60
0
40
80
120
160
0
100
200
300
400
500
600
700
800
900
1000
DC
25°C
50°C
75°C
100°C
125°C
Single Pulse
T
VJ=175°C
150°C
I
F
[A]
V
F [V]
I
R
[mA]
V
R [V]
V
R [V]
C
T
[pF]
T
C [°C]
I
F(AV) [A]
P
(AV)
[W]
t [ms]
Note: All curves are per diode
Fig. 1 Maximum forward voltage
drop characteristics
Fig. 2 Typ. reverse current
I
R vs. reverse voltage VR
Fig. 3 Typ. junction capacitance
C
T vs. reverse voltage VR
Fig. 4 Average forward current
I
F(AV) vs. case temperature TC
Fig. 5 Forward power loss
characteristics
Fig. 6 Transient thermal impedance junction to case
I
F(AV)
[A]
T
VJ =
150°C
125°C
25°C
T
VJ =25°C
d= 0.5
d =
DC
0.5
0.33
0.25
0.17
0.08
Z
thJC
[K/W]
IXYS reserves the right to change limits, conditions and dimensions.
20100531a
Data according to IEC 60747and per diode unless otherwise specified
© 2010 IXYS all rights reserved



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com