Electronic Components Datasheet Search
  English  ▼

X  

IXGR32N60C Datasheet(PDF) 4 Page - IXYS Corporation

Part # IXGR32N60C
Description  HiPerFASTTM IGBT Lightspeed Series ISOPLUS247TM package(Electrically Isolated Back Side)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXGR32N60C Datasheet(HTML) 4 Page - IXYS Corporation

  IXGR32N60C Datasheet HTML 1Page - IXYS Corporation IXGR32N60C Datasheet HTML 2Page - IXYS Corporation IXGR32N60C Datasheet HTML 3Page - IXYS Corporation IXGR32N60C Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
IXYS reserves the right to change limits, test conditions, and dimensions.
Fig. 7. Dependence of E
ON and EOFF on IC.
Fig. 8. Dependence of E
ON and EOFF on RG.
Fig. 9. Gate Charge
Fig. 10. Turn-off Safe Operating Area
Fig. 11. Transient Thermal Resistance
IXGR 32N60C
Pulse Width - Seconds
0.00001
0.0001
0.001
0.01
0.1
1
10
0.001
0.01
0.1
1
D=0.2
V
CE - Volts
0
100
200
300
400
500
600
0.1
1
10
100
Q
g - nanocoulombs
0
255075
100
125
0
4
8
12
16
R
G - Ohms
0
102030405060
0
2
4
6
8
0
1
2
3
4
I
C - Amperes
0
20
406080
0
1
2
3
4
0.00
0.25
0.50
0.75
1.00
V
CE = 300V
I
C = 16A
I
C = 32A
E
(ON)
E
(OFF)
E
(OFF)
T
J = 125°C
R
G = 4.7Ω
dV/dt < 5V/ns
D=0.5
D=0.1
D=0.05
D=0.02
D=0.01
Single pulse
D = Duty Cycle
R
G = 10Ω
T
J = 125°C
64
E
(ON)
I
C = 64A
E
(OFF)
T
J = 125°C
E
(ON)
I
C = 32A
E
(ON)
E
(OFF)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com