Electronic Components Datasheet Search
  English  ▼

X  

MDD312 Datasheet(PDF) 3 Page - IXYS Corporation

Part # MDD312
Description  High Power Diode Modules
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

MDD312 Datasheet(HTML) 3 Page - IXYS Corporation

  MDD312 Datasheet HTML 1Page - IXYS Corporation MDD312 Datasheet HTML 2Page - IXYS Corporation MDD312 Datasheet HTML 3Page - IXYS Corporation MDD312 Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
© 2013 IXYS All rights reserved
3 - 4
20130813g
MDD 312
IXYS reserves the right to change limits, test conditions and dimensions.
0
25
50
75
100
125
150
0
100
200
300
400
500
0
100
200
300
400
500
600
0
25
50
75
100
125
150
1
10
105
106
0.001
0.01
0.1
1
0
2000
4000
6000
8000
10000
0
100 200 300 400 500 600
0
250
500
750
1000
1250
1500
1750
t [s]
0
25
50
75 100 125 150
0
100
200
300
400
500
I
FSM
[A]
R
L
80 % V
RRM
T
VJ =
45°C
T
VJ = 150°C
50 Hz
T
VJ = 150°C
V
R = 0 V
T
VJ = 45°C
180° sin
120°
60°
30°
DC
0.6
0.8
0.1
0.2
0.3
0.4
R
thKA K/W
0.06
2 x MDD312
Circuit
B2U
0.12
0.06
0.04
R
thKA K/W
0.5
0.08
0.2
0.3
50
150
0
100
200
100
300
500
0
200
400
600
50
150
0
100
200
0
5
10
15
20
25
T
VJ = 125°C
V
R = 600 V
T
VJ = 125°C
V
R = 600 V
IF = 400 A
IF = 400 A
t [ms]
I2t
[A
2s]
T
C [°C]
I
FAVM
[A]
I
FAVM [A]
T
A [°C]
P
tot
[W]
I
RM
[A]
di
F /dt [A/µs]
P
tot
[W]
I
dAVM [A]
T
A [°C]
t
rr
[µs]
di
F /dt [A/µs]
180° sin
120°
60°
30°
DC
Fig. 1 Surge overload current
I
FSM: Crest value, t: duration
Fig. 2 I
2t versus time (1-10 ms)
Fig. 3 Maximum forward current
at case temperature
Fig. 4 Power dissipation vs. forward current & ambient temperature (per diode)
Fig. 5 Typ. peak reverse current
Fig. 6 Single phase rectifier bridge: Power dissipation vs. direct output current
and ambient temperature R = resistive load, L = inductive load
Fig. 7 Typ. recovery time t
rr
versus -di
F /dt



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com