Electronic Components Datasheet Search
  English  ▼

X  

F7511 Datasheet(PDF) 6 Page - Integrated Technology Future

Part # F7511
Description  SAW Bandpass Filter F7511
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITF [Integrated Technology Future]
Direct Link  http://www.itf.co.kr
Logo ITF - Integrated Technology Future

F7511 Datasheet(HTML) 6 Page - Integrated Technology Future

  F7511 Datasheet HTML 1Page - Integrated Technology Future F7511 Datasheet HTML 2Page - Integrated Technology Future F7511 Datasheet HTML 3Page - Integrated Technology Future F7511 Datasheet HTML 4Page - Integrated Technology Future F7511 Datasheet HTML 5Page - Integrated Technology Future F7511 Datasheet HTML 6Page - Integrated Technology Future F7511 Datasheet HTML 7Page - Integrated Technology Future  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
SAW Bandpass Filter F7511
Part No.
F7511
Rev. Date
2011-04-06
I T F
Co., Ltd.
102-901, Bucheon Technopark 364,
Samjeong-Dong, Ojeong-Gu, Bucheon-City,
Gyounggi-Do, Korea 421-809
Rev.
NCMC03-AS02
6/7
Packing Specification
1. Reeling Quantity : 3000 pcs / 13” reel ( or 1000 pcs / 7” reel )
2. Taping Structure : The tape shall be wound around the reel in the direction shown below.
Tape Specification
1. Leader part and vacant position specification
2. Tensile strength of carrier tape
4.4N/mm width
3. Top cover tape adhesion
1) pull off angle : 0~15°
2) speed : 300mm/min
3) force : 20~70g
REEL
REEL
REEL
REEL
TOP COVER TAPE
TOP COVER TAPE
TOP COVER TAPE
TOP COVER TAPE
CARRIER TAPE
CARRIER TAPE
CARRIER TAPE
CARRIER TAPE
END
END
END
END
START
START
START
START
Tape Running Direction
Vacant
150mm min.
Component
contained
Vacant
150mm min.
Leader part
250mm min.
0~ 15 degree
Top cover tape
Direction of pull
Carrier tape



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com