Electronic Components Datasheet Search
  English  ▼

X  

H5TC2G83EFR-RDA Datasheet(PDF) 27 Page - Hynix Semiconductor

Part # H5TC2G83EFR-RDA
Description  2Gb DDR3L SDRAM
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

H5TC2G83EFR-RDA Datasheet(HTML) 27 Page - Hynix Semiconductor

Back Button H5TC2G83EFR-RDA Datasheet HTML 23Page - Hynix Semiconductor H5TC2G83EFR-RDA Datasheet HTML 24Page - Hynix Semiconductor H5TC2G83EFR-RDA Datasheet HTML 25Page - Hynix Semiconductor H5TC2G83EFR-RDA Datasheet HTML 26Page - Hynix Semiconductor H5TC2G83EFR-RDA Datasheet HTML 27Page - Hynix Semiconductor H5TC2G83EFR-RDA Datasheet HTML 28Page - Hynix Semiconductor H5TC2G83EFR-RDA Datasheet HTML 29Page - Hynix Semiconductor H5TC2G83EFR-RDA Datasheet HTML 30Page - Hynix Semiconductor H5TC2G83EFR-RDA Datasheet HTML 31Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 33 page
background image
Rev. 1.1 / Apr. 2013
27
Standard Speed Bins
DDR3L SDRAM Standard Speed Bins include tCK, tRCD, tRP, tRAS and tRC for each corresponding bin.
DDR3L-800 Speed Bins
For specific Notes See "Speed Bin Table Notes" on page 32.
Speed Bin
DDR3L-800E
Unit
Notes
CL - nRCD - nRP
6-6-6
Parameter
Symbol
min
max
Internal read command to first data
tAA
15
20
ns
ACT to internal read or write delay time
tRCD
15
—
ns
PRE command period
tRP
15
—
ns
ACT to ACT or REF command period
tRC
52.5
—
ns
ACT to PRE command period
tRAS
37.5
9 * tREFI
ns
CL = 5
CWL = 5
tCK(AVG)
3.0
3.3
ns
1,2,3,4,11,12
CL = 6
CWL = 5
tCK(AVG)
2.5
3.3
ns
1,2,3
Supported CL Settings
5, 6
nCK
12
Supported CWL Settings
5
nCK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com