Electronic Components Datasheet Search
  English  ▼

X  

TAP225010 Datasheet(PDF) 2 Page - AVX Corporation

Part # TAP225010
Description  Dipped Radial Capacitors TAP Series
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

TAP225010 Datasheet(HTML) 2 Page - AVX Corporation

  TAP225010 Datasheet HTML 1Page - AVX Corporation TAP225010 Datasheet HTML 2Page - AVX Corporation TAP225010 Datasheet HTML 3Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
118
I JUNE 2013
Technical Data:
All technical data relate to an ambient temperature of +25°C
Capacitance Range:
0.10 μF to 330 μF
Capacitance Tolerance:
±20%; ±10% (±5% consult your AVX representative for details)
Rated Voltage DC (V
R)
+85°C:
6.3
10
16
20
25
35
50
Category Voltage (V
C)
+125°C:
4
6.3
10
13
16
23
33
Surge Voltage (V
S)
+85°C:
8
13
20
26
33
46
65
Surge Voltage (V
S)
+125°C:
5
9
12
16
21
28
40
Temperature Range:
-55°C to +125°C
Environmental Classification:
55/125/56 (IEC 68-2)
Dissipation Factor:
0.04 for C
R 0.1-1.5μF
0.06 for C
R 2.2-6.8μF
0.08 for C
R 10-68μF
0.10 for C
R 100-330μF
Reliability:
1% per 1000 hrs. at 85°C with 0.1Ω/V series impedance, 60% confidence level.
Qualification:
CECC 30201 - 032
Capacitance Range (letter denotes case size)
Capacitance
Rated voltage DC (V
R)
μF
Code
6.3V
10V
16V
20V
25V
35V
50V
0.10
104
AA
0.15
154
AA
0.22
224
AA
0.33
334
AA
0.47
474
AA
0.68
684
AB
1.0
105
A
A
A
C
1.5
155
A
A
A
A
D
2.2
225
A
A
A
A
B
E
3.3
335
A
A
A
B
B
C
F
4.7
475
A
A
B
C
C
E
G
6.8
685
A
B
C
D
D
F
H
10
106
B
C
D
E
E
F
J
15
156
C
D
E
F
F
H
K
22
226
D
E
F
H
H
K
L
33
336
E
F
F
J
J
M
47
476
F
G
J
K
M
N
68
686
G
H
L
N
N
100
107
H
K
N
N
150
157
K
N
N
220
227
M
P
R
330
337
P
R
Values outside this standard range may be available on request.
AVX reserves the right to supply capacitors to a higher voltage rating, in the same case size, than that ordered.
MARKING
Polarity, capacitance, rated DC voltage, and an "A" (AVX
logo) are laser marked on the capacitor body which is made
of flame retardant gold epoxy resin with a limiting oxygen
index in excess of 30 (ASTM-D-2863).
• Polarity
• Capacitance
• Voltage
• AVX logo
• Tolerance code:
±20% = Standard (no marking)
±10% = “K” on reverse side of unit
±5%
= “J” on reverse side of unit
16
10
μ
A
+
Dipped Radial Capacitors
TAP Series
TECHNICAL SPECIFICATIONS



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com