Electronic Components Datasheet Search
  English  ▼

X  

TAP226010 Datasheet(PDF) 15 Page - AVX Corporation

Part # TAP226010
Description  Section 3: Introduction Foreword
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

TAP226010 Datasheet(HTML) 15 Page - AVX Corporation

Back Button TAP226010 Datasheet HTML 8Page - AVX Corporation TAP226010 Datasheet HTML 9Page - AVX Corporation TAP226010 Datasheet HTML 10Page - AVX Corporation TAP226010 Datasheet HTML 11Page - AVX Corporation TAP226010 Datasheet HTML 12Page - AVX Corporation TAP226010 Datasheet HTML 13Page - AVX Corporation TAP226010 Datasheet HTML 14Page - AVX Corporation TAP226010 Datasheet HTML 15Page - AVX Corporation TAP226010 Datasheet HTML 16Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
MAY 2013
■ 157
A commonly held misconception is that the leakage current
of a Tantalum capacitor can predict the number of failures
which will be seen on a surge screen. This can be disproved
by the results of an experiment carried out at AVX on 47μF
10V surface mount capacitors with different leakage
currents. The results are summarized in the table below.
Leakage Current vs Number of Surge Failures
Again, it must be remembered that these results were
derived from a highly accelerated surge test machine,
and failure rates in the low ppm are more likely with the end
customer.
AVX recommended derating table
For further details on surge in Tantalum capacitors refer
to J.A. Gill’s paper “Surge in Solid Tantalum Capacitors”,
available from AVX offices worldwide.
An added bonus of increasing the derating applied in a
circuit, to improve the ability of the capacitor to withstand
surge conditions, is that the steady-state reliability is
improved by up to an order. Consider the example of a
6.3 volt capacitor being used on a 5 volt rail. The steady-
state reliability of a Tantalum capacitor is affected by three
parameters; temperature, series resistance and voltage
derating. Assuming 40°C operation and 0.1Ω/volt of series
resistance, the scaling factors for temperature and series
resistance will both be 0.05 [see Section 3.1 (page 154)]. The
derating factor will be 0.15. The capacitors reliability will
therefore be
Failure rate = FU x FT x FR x 1%/1000 hours
= 0.15 x 0.05 x 1 x 1%/1000 hours
= 7.5% x 10-3/hours
If a 10 volt capacitor was used instead, the new scaling factor
would be 0.017, thus the steady-state reliability would be
Failure rate = FU x FT x FR x 1%/1000 hours
= 0.017 x 0.05 x 1 x 1%/1000 hours
= 8.5% x 10-4/ 1000 hours
So there is an order improvement in the capacitors steady-
state reliability.
3.3 RELIABILITY TESTING
AVX performs extensive life testing on tantalum capacitors.
■ 2,000 hour tests as part of our regular Quality Assurance
Program.
Test conditions:
■ 85°C/rated voltage/circuit impedance of 3Ω max.
■ 125°C/0.67 x rated voltage/circuit impedance of 3Ω max.
3.4 Mode of Failure
This is normally an increase in leakage current which ultimately
becomes a short circuit.
Number tested
Number failed surge
Standard leakage range
10,000
25
0.1 μA to 1μA
Over Catalog limit
10,000
26
5μA to 50μA
Classified Short Circuit
10,000
25
50μA to 500μA
Voltage Rail
Working Cap Voltage
3.3
6.3
510
10
20
12
25
15
35
≥24
Series Combinations (11)
TAP/TEP Technical Summary and
Application Guidelines



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com