Electronic Components Datasheet Search
  English  ▼

X  

TAP155016 Datasheet(PDF) 1 Page - AVX Corporation

Part # TAP155016
Description  Dipped Radial Capacitors TAP Series
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

TAP155016 Datasheet(HTML) 1 Page - AVX Corporation

  TAP155016 Datasheet HTML 1Page - AVX Corporation TAP155016 Datasheet HTML 2Page - AVX Corporation TAP155016 Datasheet HTML 3Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
JUNE 2013
I 117
H
D
Dipped Radial Capacitors
TAP Series
TAP is a professional grade device manufactured
with a flame retardant coating and featuring low
leakage current and impedance, very small
physical sizes and exceptional temperature
stability. It is designed and conditioned to
operate to +125°C (see page 153 for voltage
derating above 85°C) and is available loose or
taped and reeled for auto insertion. The 15 case
sizes with wide capacitance and working voltage
ranges means the TAP can accommodate
almost any application.
MAXIMUM CASE DIMENSIONS: millimeters (inches)
TAP
Type
475
Capacitance Code
pF code: 1st two digits
represent significant figures,
3rd digit represents multiplier
(number of zeros to follow)
M
Capacitance Tolerance
K = ±10%
M = ±20%
(For J = ±5% tolerance,
please consult factory)
035
Rated DC Voltage
SCS
Suffix indicating wire form
and packaging
(see page 116)
HOW TO ORDER
Wire
C, F, G, H
B, S, D
Case
H
*H1
D
A
8.50 (0.330)
7.00 (0.280)
4.50 (0.180)
B
9.00 (0.350)
7.50 (0.300)
4.50 (0.180)
C
10.0 (0.390)
8.50 (0.330)
5.00 (0.200)
D
10.5 (0.410)
9.00 (0.350)
5.00 (0.200)
E
10.5 (0.410)
9.00 (0.350)
5.50 (0.220)
F
11.5 (0.450)
10.0 (0.390)
6.00 (0.240)
G
11.5 (0.450)
10.0 (0.390)
6.50 (0.260)
H
12.0 (0.470)
10.5 (0.410)
7.00 (0.280)
J
13.0 (0.510)
11.5 (0.450)
8.00 (0.310)
K
14.0 (0.550)
12.5 (0.490)
8.50 (0.330)
L
14.0 (0.550)
12.5 (0.490)
9.00 (0.350)
M
14.5 (0.570)
13.0 (0.510)
9.00 (0.350)
N
16.0 (0.630)
9.00 (0.350)
P
17.0 (0.670)
10.0 (0.390)
R
18.5 (0.730)
10.0 (0.390)
SOLID TANTALUM RESIN DIPPED CAPACITORS
LEAD-FREE COMPATIBLE
COMPONENT


Similar Part No. - TAP155016

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TAP155016 AVX-TAP155016 Datasheet
390Kb / 16P
Sectiom 3: Introduction Foreword
TAP155016 AVX-TAP155016 Datasheet
390Kb / 16P
Section 3: Introduction Foreword
TAP155016 AVX-TAP155016 Datasheet
110Kb / 3P
Dipped Radial Capacitors
TAP155016 AVX-TAP155016 Datasheet
125Kb / 4P
Dipped Radial Capacitors
More results

Similar Description - TAP155016

ManufacturerPart #DatasheetDescription
logo
HolyStone International
RDH HOLYSTONECAPS-RDH Datasheet
556Kb / 4P
Radial Dipped Ceramic Capacitors
logo
AVX Corporation
TAP476K035CRW AVX-TAP476K035CRW Datasheet
332Kb / 16P
Dipped Radial Capacitors
TAP106M006SCS AVX-TAP106M006SCS Datasheet
118Kb / 3P
Dipped Radial Capacitors TAP Series
TAP106M025CRW AVX-TAP106M025CRW Datasheet
118Kb / 3P
Dipped Radial Capacitors TAP Series
TAP475M035SCS AVX-TAP475M035SCS Datasheet
118Kb / 3P
Dipped Radial Capacitors
TAP476K025HSB AVX-TAP476K025HSB Datasheet
110Kb / 3P
Dipped Radial Capacitors TAP Series
TAP106K025CRW AVX-TAP106K025CRW Datasheet
110Kb / 3P
Dipped Radial Capacitors
TAP224K035SCS AVX-TAP224K035SCS Datasheet
110Kb / 3P
Dipped Radial Capacitors
TAP685K016SCS AVX-TAP685K016SCS Datasheet
112Kb / 3P
Dipped Radial Capacitors
TAP156K016SCS AVX-TAP156K016SCS Datasheet
125Kb / 4P
Dipped Radial Capacitors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com