Electronic Components Datasheet Search
  English  ▼

X  

TAP475035 Datasheet(PDF) 16 Page - AVX Corporation

Part # TAP475035
Description  Section 3: Introduction Foreword
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

TAP475035 Datasheet(HTML) 16 Page - AVX Corporation

Back Button TAP475035 Datasheet HTML 8Page - AVX Corporation TAP475035 Datasheet HTML 9Page - AVX Corporation TAP475035 Datasheet HTML 10Page - AVX Corporation TAP475035 Datasheet HTML 11Page - AVX Corporation TAP475035 Datasheet HTML 12Page - AVX Corporation TAP475035 Datasheet HTML 13Page - AVX Corporation TAP475035 Datasheet HTML 14Page - AVX Corporation TAP475035 Datasheet HTML 15Page - AVX Corporation TAP475035 Datasheet HTML 16Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
158
■ MAY 2013
SECTION 5:
MECHANICAL AND THERMAL PROPERTIES, LEADED CAPACITORS
5.1 ACCELERATION
10 g (981 m/s)
5.2 VIBRATION SEVERITY
10 to 2000 Hz, 0.75 mm or 98 m/s
2
5.3 SHOCK
Trapezoidal Pulse 10 g (981 m/s) for 6 ms
5.4 TENSILE STRENGTH OF
CONNECTION
10 N for type TAR, 5 N for type TAP/TEP.
5.5 BENDING STRENGTH OF
CONNECTIONS
2 bends at 90°C with 50% of the tensile strength test loading.
5.6 SOLDERING CONDITIONS
Dip soldering permissible provided solder bath temperature
270°C; solder time <3 sec.; circuit board thickness
1.0 mm.
5.7 INSTALLATION INSTRUCTIONS
The upper temperature limit (maximum capacitor surface
temperature) must not be exceeded even under the most
unfavorable conditions when the capacitor is installed. This
must be considered particularly when it is positioned near
components which radiate heat strongly (e.g., valves and
power transistors). Furthermore, care must be taken, when
bending the wires, that the bending forces do not strain the
capacitor housing.
5.8 INSTALLATION POSITION
No restriction.
5.9 SOLDERING INSTRUCTIONS
Fluxes containing acids must not be used.
SECTION 4:
APPLICATION GUIDELINES FOR TANTALUM CAPACITORS
Dangerous Range
Allowable Range
with Preheat
Allowable Range
with Care
270
260
250
240
230
220
210
200
0
2
4
6
8
10
12
Soldering Time (secs.)
Allowable range of peak temp./time combination for wave soldering
Temperature
(oC)
*See appropriate product specification
TAP/TEP Technical Summary and
Application Guidelines
4.1 SOLDERING CONDITIONS AND
BOARD ATTACHMENT
The soldering temperature and time should be the minimum
for a good connection.
A suitable combination for wavesoldering is 230°C - 250°C
for 3 - 5 seconds.
Small parametric shifts may be noted immediately after wave
solder, components should be allowed to stabilize at room
temperature prior to electrical testing.
AVX leaded tantalum capacitors are designed for wave
soldering operations.
4.2 RECOMMENDED SOLDERING
PROFILES
Recommended wave soldering profile for mounting of
tantalum capacitors is shown below.
After soldering the assembly should preferably be allowed to
cool naturally. In the event that assisted cooling is used, the
rate of change in temperature should not exceed that used
in reflow.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com