Electronic Components Datasheet Search
  English  ▼

X  

DP8110 Datasheet(PDF) 21 Page - Power-One

Part # DP8110
Description  8V to 14V Input, 0.7V to 5.5V Output
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

DP8110 Datasheet(HTML) 21 Page - Power-One

Back Button DP8110 Datasheet HTML 17Page - Power-One DP8110 Datasheet HTML 18Page - Power-One DP8110 Datasheet HTML 19Page - Power-One DP8110 Datasheet HTML 20Page - Power-One DP8110 Datasheet HTML 21Page - Power-One DP8110 Datasheet HTML 22Page - Power-One DP8110 Datasheet HTML 23Page - Power-One DP8110 Datasheet HTML 24Page - Power-One DP8110 Datasheet HTML 25Page - Power-One Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
DP8110 10A DC-DC Intelligent dPOL Data Sheet
8V to 14V Input •••• 0.7V to 5.5V Output
BCD.00262 Rev. 1.0, 12 FEB 2013
www.power-one.com
Page 21 of 34
7.5.8.3
Front End and Crowbar
If an error is propagated to at least the Group level,
the DPM can also be configured to generate
commands to turn off a front end (a DC-DC
converter generating the intermediate bus voltage)
and to trigger an optional crowbar protection to
accelerate removal of the IBV voltage.
7.5.8.4
Propagation Process
Understanding Fault and Error propagation is easier
with the following examples.
The First example is of of non-propagation from a
dPOL, as shown in Figure 35. An undervoltage error
shuts down the Vo, but since propagation was not
enabled, OK-A is not pulled down and Vo2 stays up.
Figure 35. No Group Fault Propagation
Figure 36 shows a scope capture an actual system
when undervoltage error detection is set to not
propagate.
In this example, the dPOL connected to scope Ch 1
encounters the undervoltage fault after turn-on.
Because fault propagation is not enabled for this
POL, it alone turns off and generates the UV fault
signal. Because a UV fault triggers the sequenced
turn-off, the dPOL meets its turn-off delay and falling
slew rate settings during the turn-off process as
shown in the trace for Ch1. Since the UV fault is
programmed to be non-latching, the dPOL will
attempt to restart every 130 ms, repeating the
process described above until the condition causing
the undervoltage is removed. The 130ms hiccup
interval is guaranteed regardless of the turn-off delay
setting.
Figure 36. Turn-On into UVP on V3. The UV Fault Is
Programmed To Be Non-Latching. Ch1 – Vo1, Ch2 –
Vo2(Group A), Ch3 – Vo3 (Group B) Vo4 not shown.
The next example is intra-group propagation, the
dPOL propagates its fault or error events. Here fault
propagation between POLs is enabled.
In Figure 37 the dPOL powering output Vo1 again
encounters an undervoltage error. It pulls its OK line
low. Since the dPOL powering output Vo2 (Ch3 in
the picture) belongs to the same group (A in this
case), pulling down OK-A tells that dPOL to execute
a regular turn-off.
Figure 37 Intra Group Fault Propagation
Since both Vo1 and Vo2 have the same delay and
slew rate settings they will continue to turn off and on
synchronously every 130ms as shown in Figure 38
until the condition causing the undervoltage is
removed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com