Electronic Components Datasheet Search
  English  ▼

X  

F9306 Datasheet(PDF) 2 Page - Integrated Technology Future

Part # F9306
Description  SAW Bandpass Filter F9306
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITF [Integrated Technology Future]
Direct Link  http://www.itf.co.kr
Logo ITF - Integrated Technology Future

F9306 Datasheet(HTML) 2 Page - Integrated Technology Future

  F9306 Datasheet HTML 1Page - Integrated Technology Future F9306 Datasheet HTML 2Page - Integrated Technology Future F9306 Datasheet HTML 3Page - Integrated Technology Future F9306 Datasheet HTML 4Page - Integrated Technology Future F9306 Datasheet HTML 5Page - Integrated Technology Future F9306 Datasheet HTML 6Page - Integrated Technology Future F9306 Datasheet HTML 7Page - Integrated Technology Future  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
SAW Bandpass Filter F9306
Part No.
F9306
Rev. Date
2012-02-21
I T F
Co., Ltd.
102-901, Bucheon Technopark 364,
Samjeong-Dong, Ojeong-Gu, Bucheon-City,
Gyounggi-Do, Korea 421-809
Rev.
NSNB02-AS01
2/7
Specifications
Fc = 930.5 MHz
Notes :
1) All specifications are based on the matching schematic shown below, measured by Agilent Network analyzer and
full 2 port calibration.
2) Electrical margin has been built into the design to account for the variations due to temperature drift and manufacturing
tolerances
Minimum
Typical
Maximum
Unit
Center Frequency ( Fc )
-
930.5
-
MHz
Insertion Loss (In Fc +/- 2 MHz)
-
1.5
3.0
dB
Amplitude Ripple (In Fc +/- 2 MHz)
-
0.3
1.5
dBp-p
Relative Attenuation
200 MHz ~ 880 MHz
990 MHz ~ 1400 MHz
40
40
50
50
-
-
dB
Input/Output Impedance
50
Ohms



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com