Electronic Components Datasheet Search
  English  ▼

X  

FG081 Datasheet(PDF) 2 Page - Integrated Technology Future

Part # FG081
Description  SAW Bandpass Filter FG081
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITF [Integrated Technology Future]
Direct Link  http://www.itf.co.kr
Logo ITF - Integrated Technology Future

FG081 Datasheet(HTML) 2 Page - Integrated Technology Future

  FG081 Datasheet HTML 1Page - Integrated Technology Future FG081 Datasheet HTML 2Page - Integrated Technology Future FG081 Datasheet HTML 3Page - Integrated Technology Future FG081 Datasheet HTML 4Page - Integrated Technology Future FG081 Datasheet HTML 5Page - Integrated Technology Future FG081 Datasheet HTML 6Page - Integrated Technology Future FG081 Datasheet HTML 7Page - Integrated Technology Future  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
SAW Bandpass Filter FG081
Part No.
FG081
Rev. Date
2009-01-05
I T F
Co., Ltd.
102-901, Bucheon Technopark 364,
Samjeong-Dong, Ojeong-Gu, Bucheon-City,
Gyounggi-Do, Korea 421-809
Rev.
NC9001-PS01
2/7
Specifications
Notes :
1) All specifications are based on the matching schematic shown below, measured by Agilent Network analyzer and
full 4 port calibrations for balanced to balanced operation.
2) Electrical margin has been built into the design to account for the variations due to temperature drift and manufacturing
tolerances
3) All attenuation measurements are measured relative to insertion loss
Minimum
Typical
Maximum
Unit
Center Frequency ( Fc )
-
1086.0
-
MHz
Insertion Loss (In Fc +/- 5.0 MHz)
-
3.0
4.5
dB
Amplitude Ripple (In Fc +/- 5.0 MHz)
-
0.6
1.5
dBp-p
Relative Attenuation
500.0 MHz ~ 988.0 MHz
988.0 MHz ~ 1002.0 MHz
1038.0 MHz ~ 1046.0 MHz
1156.0 MHz ~ 1600.0 MHz
43.0
43.0
40.0
40.0
50.0
50.0
45.0
50.0
-
-
-
-
dB
VSWR (In Fc +/- 5.0 MHz)
-
1.5
2.3
Temperature Range (Operational)
-40
25
85
℃
Input/Output Impedance
-
200
-
Ohms



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com