Electronic Components Datasheet Search
  English  ▼

X  

E3Z Datasheet(PDF) 7 Page - Omron Electronics LLC

Part # E3Z
Description  Photoelectric Sensor with Built-in Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3Z Datasheet(HTML) 7 Page - Omron Electronics LLC

Back Button E3Z Datasheet HTML 3Page - Omron Electronics LLC E3Z Datasheet HTML 4Page - Omron Electronics LLC E3Z Datasheet HTML 5Page - Omron Electronics LLC E3Z Datasheet HTML 6Page - Omron Electronics LLC E3Z Datasheet HTML 7Page - Omron Electronics LLC E3Z Datasheet HTML 8Page - Omron Electronics LLC E3Z Datasheet HTML 9Page - Omron Electronics LLC E3Z Datasheet HTML 10Page - Omron Electronics LLC E3Z Datasheet HTML 11Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
E3Z
E3Z
8
Dimensions
Unit: mm (inch)
J
SENSORS
Through-beam (Pre-wired Models)
Through-beam (Connector Models)
Optical axis
Lens
Power indicator (orange)
Vinyl-insulated round cable with two
conductors, 4 dia. (0.2 mm2 with
1.1-dia. insulator); standard length: 2m
Emitter
Operation
selector
Sensing adjuster
Optical axis
Lens
Receiver
Optical axis
Lens
Power indicator (orange)
M8
connector
Emitter
Operation selector
Sensing adjuster
Optical axis
Lens
Receiver
M8
connector
Power indicator
(orange)
Power indicator
(orange)
Stability indicator
(green)
Stability indicator
(green)
Vinyl-insulated round cable with three
conductors, 4 dia. (0.2 mm2 with
1.1-dia. insulator); standard length: 2m
Two, M3
Two, M3
Two, M3
Two, M3
Retroreflective Models (Pre-wired Models)
Retroreflective Models (Connector Models)
Two, 7-dia. lenses
Operation
selector
Sensing adjuster
Optical axis
Stability indicator
(green)
Vinyl-insulated round cable with three
conductors, 4 dia. (0.2 mm2 with
1.1-dia. insulator); standard length: 2m
Two, M3
Emitter
Receiver
Power indicator (orange)
M8
connector
Power indicator (orange)
Operation
selector
Sensing adjuster
Stability indicator
(green)
Two, 7-dia. lenses
Receiver
Optical axis
Emitter
Two, M3
20
(0.79)
10.8
(0.43)
31
(1.22)
E3Z-T61
E3Z-T81
E3Z-T66
E3Z-T86
E3Z-R61
E3Z-R81
Diffuse Reflective Models (Pre-wired Models)
E3Z-D61
E3Z-D62
E3Z-D81
E3Z-D82
E3Z-R66
E3Z-R86
Diffuse Reflective Models (Connector Models)
E3Z-D66
E3Z-D67
E3Z-D86
E3Z-D87
20
(0.79)
10.8
(0.43)
31
(1.22)
20
(0.79)
10.8
(0.43)
31
(1.22)
20
(0.79)
10.8
(0.43)
31
(1.22)
20
(0.79)
10.8
(0.43)
31
(1.22)
20
(0.79)
10.8
(0.43)
31
(1.22)
17
(0.67)
17
(0.67)
17
(0.67)
17
(0.67)
17
(0.67)
17
(0.67)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com