Electronic Components Datasheet Search
  English  ▼

X  

G9SB3012A Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # G9SB3012A
Description  Safety Relay Unit
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G9SB3012A Datasheet(HTML) 2 Page - Omron Electronics LLC

  G9SB3012A Datasheet HTML 1Page - Omron Electronics LLC G9SB3012A Datasheet HTML 2Page - Omron Electronics LLC G9SB3012A Datasheet HTML 3Page - Omron Electronics LLC G9SB3012A Datasheet HTML 4Page - Omron Electronics LLC G9SB3012A Datasheet HTML 5Page - Omron Electronics LLC G9SB3012A Datasheet HTML 6Page - Omron Electronics LLC G9SB3012A Datasheet HTML 7Page - Omron Electronics LLC G9SB3012A Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
G9SB
G9SB
Specifications
s
Ratings
Power Input
Inputs
Note
Indicates the current between terminals A1 and A2.
Contacts
s
Characteristics
Note:
1. The contact resistance was measured with 1 A at 5 VDC using the voltage-drop method.
2. The bounce time is not included in the figure for operating time.
3. The response time is the time it takes for the main contact to open after the input is turned OFF.
4. The insulation resistance was measured with 500 VDC at the same places that the dielectric strength was checked.
Item
G9SB-200
@-@
G9SB-3010
G9SB-301
@-@
Power supply voltage
24 VAC/VDC: 24 VAC, 50/60 Hz, or 24VDC
24 VDC: 24 VDC
Operating voltage
range
85% to 110% of rated power supply voltage
Power consumption
1.4 VA/1.4 W max.
1.7 W max.
1.7 VA/1.7 W max.
Item
G9SB-200
@-@
G9SB-3010
G9SB-301
@-@
Input current
25 mA max.
60 mA max. (See note.)
30 mA max.
Item
G9SB-200
@-@
G9SB-3010
G9SB-301
@-@
Resistive load (cos
Φ=1)
Rated load
250 VAC, 5 A
Rated carry current
5 A
Item
G9SB-200
@-@
G9SB-3010
G9SB-301
@-@
Contact resistance (See note 1.)
100 m
Ω
Operating time (See note 2.)
30 ms max.
Response time (See notes 2 and 3.)
10 ms max.
Insulation resistance (See note 4.)
100 M
Ω min. (at 500 VDC)
Dielectric
strength
Between differ-
ent outputs
2,500 VAC, 50/60 Hz for 1 min
Between inputs
and outputs
Between power
inputs and out-
puts
Vibration resistance
10 to 55 to 10 Hz, 0.375-mm single amplitude (0.75-mm double amplitude)
Shock resistance Destruction
300 m/s
2
Malfunction
100 m/s
2
Durability
Mechanical
5,000,000 operations min. (at approx. 7,200 operations/hr)
Electrical
100,000 operations min. (at approx. 1,800 operations/hr)
Error rate, p-level (reference value)
5 VDC, 1 mA
Ambient operating temperature
-25 to 55
°C (with no icing or condensation)
Ambient operating humidity
35% to 85% RH
Terminal tightening torque
0.5 N·m
Weight
Approx. 115 g
Approx. 135 g
Approx. 120 g
Approved standards (pending)
EN954-1, EN60204-1, UL508, CSA C22.2 No. 14
EMC (pending)
EMI: EN55011 group 1 class A
EMS: EN50082-2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com