Electronic Components Datasheet Search
  English  ▼

X  

250519B Datasheet(PDF) 2 Page - Integrated Technology Future

Part # 250519B
Description  162.51 MHz SAW Filter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITF [Integrated Technology Future]
Direct Link  http://www.itf.co.kr
Logo ITF - Integrated Technology Future

250519B Datasheet(HTML) 2 Page - Integrated Technology Future

  250519B Datasheet HTML 1Page - Integrated Technology Future 250519B Datasheet HTML 2Page - Integrated Technology Future  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
162.51 MHz SAW Filter
Part Number250519B
Tel: 82-32-621-1213
2013. 03. 29
I T F
Co., Ltd.
102-901, Bucheon Technopark 364, Samjeong-Dong,
Ojeong-Gu, Bucheon-City,
Gyounggi-Do, Korea 421-809
Fax: 82-32-621-1218
http://www.itf.co.kr
sales@itf.co.kr
Rev 1.0
3. Typical Performance ( at +25℃
℃
℃
℃ )
1dB Bandwidth & Ripple
20dB Bandwidth & 40dB Bandwidth
3dB Bandwidth & Group Delay
Relative Attenuation
Wide band Properties
SWR(S11 & S22)
CH1 S11
SWR
2 /
REF 6.091
Cor
CH2 S22
SWR
2 /
REF 1.734
CENTER 162. 510 000 MHz
SPAN 20. 000 000 MHz
Cor
22 Dec 2011 16:26:36
1
1: 6. 0950
162. 510 000 MHz
1
1: 1. 7413
162. 510 000 MHz
CH1 S21
LOG
10 dB/
REF -25.82 dB
START . 010 000 MHz
STOP 500. 000 000 MHz
22 Dec 2011 16:28:11
1
1:-25 . 821 dB
162. 510 000 MHz
CH1 S21
LOG
10 dB/
REF -23.74 dB
CENTER 162. 510 000 MHz
SPAN 20. 000 000 MHz
*
Cor
CH2 S21
LOG
10 dB/
REF -23.93 dB
*
Cor
22 Dec 2011 16:21:39
1
2
3
2: 0. 0000 dB
0. 000 000 MHz
REF=2
CH1 Markers
1: . 67250 dB
2. 46000 MHz
3:-20 . 093 dB
-555 . 000 kHz
1
2
3
2: 0. 0000 dB
0. 000 000 MHz
REF=2
CH2 Markers
1:- . 03600 dB
-2 . 46000 MHz
3:-20 . 254 dB
555. 000 kHz
CH1 S21
LOG
10 dB/
REF -23.74 dB
*
Cor
CH2 S21
LOG
10 dB/
REF -23.93 dB
CENTER 162. 510 000 MHz
SPAN 20. 000 000 MHz
*
Cor
22 Dec 2011 16:20:28
1
2
3
4
1: 0. 0000 dB
0. 000 000 MHz
REF=1
CH1 Markers
BW
:
6. 016744 MHz
cent : 162. 493875 MHz
Q: 27. 007
1_loss : -23 . 743 dB
1
2
3
4
1: 0. 0000 dB
0. 000 000 MHz
REF=1
CH2 Markers
BW
:
6. 426082 MHz
cent : 162. 493687 MHz
Q: 25. 287
1_loss : -23 . 743 dB
CH1 S21
LOG
1 dB/
REF -23.63 dB
Cor
CH2 S21
DEL
200 ns/
REF 2.058 us
CENTER 162. 510 000 MHz
SPAN 6. 000 000 MHz
Cor
Smo
22 Dec 2011 16:25:09
1
2
3
4
1: 0. 0000 dB
0. 000 000 MHz
REF=1
CH1 Markers
BW
:
5. 338453 MHz
cent : 162. 527724 MHz
Q: 30. 445
1_loss : -23 . 744 dB
2
3
3:-79 . 049 ns
4. 920 000 MHz
REF=2
CH2 Markers
mean: 2. 1769 us
s. dev : 24. 691 ns
p-p : 130. 97 ns
CH1 S21
LOG
1 dB/
REF -23.63 dB
Cor
CH2 S21
LOG
1 dB/
REF -24.13 dB
CENTER 162. 510 000 MHz
SPAN 6. 000 000 MHz
Cor
22 Dec 2011 16:24:50
1
2
3
4
1: 0. 0000 dB
0. 000 000 MHz
REF=1
CH1 Markers
BW
:
5. 115137 MHz
cent : 162. 544792 MHz
Q: 31. 777
1_loss : -23 . 753 dB
2
3
3: . 19570 dB
4. 920 000 MHz
REF=2
CH2 Markers
mean:-23 . 851 dB
s. dev : . 12230 dB
p-p : . 53430 dB



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com