Electronic Components Datasheet Search
  English  ▼

X  

1463174-2 Datasheet(PDF) 21 Page - Tyco Electronics

Part # 1463174-2
Description  AMP SUPERSEAL Connectors
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1463174-2 Datasheet(HTML) 21 Page - Tyco Electronics

Back Button 1463174-2 Datasheet HTML 17Page - Tyco Electronics 1463174-2 Datasheet HTML 18Page - Tyco Electronics 1463174-2 Datasheet HTML 19Page - Tyco Electronics 1463174-2 Datasheet HTML 20Page - Tyco Electronics 1463174-2 Datasheet HTML 21Page - Tyco Electronics 1463174-2 Datasheet HTML 22Page - Tyco Electronics 1463174-2 Datasheet HTML 23Page - Tyco Electronics 1463174-2 Datasheet HTML 24Page - Tyco Electronics 1463174-2 Datasheet HTML 25Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
Plug Housing Assembly
AMP SUPERSEAL Connectors 1.0 mm System
for the Automotive Market
Catalog 1308072-2
Revised 6-2008
All specifications subject to change. Consult Tyco Electronics for latest specifications.
19
No. of
Positions
Part Number
Keying Type
Locking
3-1437290-7
1
Single
3-1437290-8
2
Single
0-1473416-1
3
Single
26
0-1473416-2
4
Single
2-1437285-2
1
Double
1-1447232-7
2
Double
,0-1473712-1 ,
1 (2 Row)
Single
0 ,,-1473712-2 ,,
1 (2 Row)
Single
4-1437290-0
1
Single
34
4-1437290-1
2
Single
2-1437285-3
1
Double
3-1437290-9
2
Double
,,) for Insulation Diameter 1.6–2.2 mm
,,) for Insulation Diameter 2.0–2.4 mm
Plug Housing Assembly
for 1.0 mm Receptacle
Contacts
Plug Housing Assembly
29.4
38.2
18.3
32.1
34.5
2-Inhalt SUPERSEAL 1.0.qxd
09.06.2008
16:14 Uhr
Seite 19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com