Electronic Components Datasheet Search
  English  ▼

X  

24AA32A Datasheet(PDF) 1 Page - Microchip Technology

Part # 24AA32A
Description  32K I2C Serial EEPROM
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24AA32A Datasheet(HTML) 1 Page - Microchip Technology

  24AA32A Datasheet HTML 1Page - Microchip Technology 24AA32A Datasheet HTML 2Page - Microchip Technology 24AA32A Datasheet HTML 3Page - Microchip Technology 24AA32A Datasheet HTML 4Page - Microchip Technology 24AA32A Datasheet HTML 5Page - Microchip Technology 24AA32A Datasheet HTML 6Page - Microchip Technology 24AA32A Datasheet HTML 7Page - Microchip Technology 24AA32A Datasheet HTML 8Page - Microchip Technology 24AA32A Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
 2002-2012 Microchip Technology Inc.
DS21713M-page 1
24AA32A/24LC32A
Device Selection Table
Features:
• Single Supply with Operation down to 1.7V for
24AA32A Devices, 2.5V for 24LC32A Devices
• Low-Power CMOS Technology:
- Active current 1 mA, typical
- Standby current 1
A, typical
• 2-Wire Serial Interface, I2C™ Compatible
• Schmitt Trigger Inputs for Noise Suppression
• Output Slope Control to Eliminate Ground Bounce
• 100 kHz and 400 kHz Clock Compatibility
• Page Write Time 5 ms max.
• Self-Timed Erase/Write Cycle
• 32-Byte Page Write Buffer
• Hardware Write-Protect
• ESD Protection > 4,000V
• More than 1 Million Erase/Write Cycles
• Data Retention > 200 Years
• Factory Programming Available
• Packages Include 8-lead PDIP, SOIC, SOIJ,
TSSOP, X-Rotated TSSOP, MSOP, DFN, TDFN,
5-lead SOT-23 and Chip Scale
• Pb-Free and RoHS Compliant
• Temperature Ranges:
- Industrial (I):
-40°C to +85°C
- Automotive (E): -40°C to +125°C
Description:
The Microchip Technology Inc. 24AA32A/24LC32A
(24XX32A*) is a 32 Kbit Electrically Erasable PROM.
The device is organized as a single block of 4K x 8-bit
memory with a 2-wire serial interface. Low-voltage
design permits operation down to 1.7V, with standby
and active currents of only 1
A and 1 mA,
respectively. It has been developed for advanced, low-
power applications such as personal communications
or data acquisition. The 24XX32A also has a page write
capability for up to 32 bytes of data. Functional address
lines allow up to eight devices on the same bus, for up
to 256 Kbits address space. The 24XX32A is available
in the standard 8-pin PDIP, surface mount SOIC, SOIJ,
TSSOP, DFN, TDFN and MSOP packages. The
24XX32A is also available in the 5-lead SOT-23 and
Chip Scale packages.
Block Diagram
Package Types
Part
Number
VCC
Range
Max. Clock
Frequency
Temp.
Ranges
24AA32A
1.7-5.5
400 kHz(1)
I
24LC32A
2.5-5.5
400 kHz
I, E
Note 1:
100 kHz for VCC <2.5V.
HV Generator
EEPROM
Array
Page Latches
YDEC
XDEC
Sense Amp.
R/W Control
I/O
Control
Logic
I/O
Memory
Control
Logic
A0 A1
WP
A2
SCL
SDA
Vcc
VSS
A0
A1
A2
VSS
VCC
WP
SCL
SDA
1
2
3
4
8
7
6
5
PDIP/MSOP/SOIC/SOIJ/TSSOP
DFN/TDFN
A0
A1
A2
VSS
WP
SCL
SDA
VCC
8
7
6
5
1
2
3
4
SOT-23
1
2
34
5
WP
VCC
SCL
VSS
SDA
CS (Chip Scale)(1)
1
2
3
45
VCC
WP
SDA
SCL
VSS
(Top Down View,
Balls Not Visible)
Note 1:
Available in I-temp, “AA” only.
X-Rotated TSSOP
WP
VCC
A0
A1
1
2
3
4
8
7
6
5
SCL
SDA
VSS
A2
(X/ST)
32K I2C™ Serial EEPROM
*24XX32A is used in this document as a generic part number for the 24AA32A/24LC32A devices.


Similar Part No. - 24AA32A

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24AA32A MICROCHIP-24AA32A Datasheet
79Kb / 12P
32K 1.8V I 2 C O Serial EEPROM
2010
24AA32A MICROCHIP-24AA32A Datasheet
364Kb / 26P
32KIC Serial EEPROM
2003
24AA32A MICROCHIP-24AA32A Datasheet
652Kb / 34P
32K I2C??Serial EEPROM
2009
24AA32A MICROCHIP-24AA32A Datasheet
639Kb / 36P
32K I2C??Serial EEPROM
2009
24AA32A MICROCHIP-24AA32A Datasheet
1,019Kb / 42P
32K I2C??Serial EEPROM
2010
More results

Similar Description - 24AA32A

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24AA32A MICROCHIP-24AA32A_09 Datasheet
652Kb / 34P
32K I2C??Serial EEPROM
2009
24AA32A MICROCHIP-24AA32A_1 Datasheet
639Kb / 36P
32K I2C??Serial EEPROM
2009
24AA32A MICROCHIP-24AA32A_10 Datasheet
1,019Kb / 42P
32K I2C??Serial EEPROM
2010
24LC32AIP MICROCHIP-24LC32AIP Datasheet
1Mb / 44P
32K I2C??Serial EEPROM
2002-2012
24LC32AISN MICROCHIP-24LC32AISN Datasheet
1Mb / 44P
32K I2C??Serial EEPROM
2002-2012
24LC32AP MICROCHIP-24LC32AP Datasheet
1Mb / 44P
32K I2C??Serial EEPROM
2002-2012
24LC32ASN MICROCHIP-24LC32ASN Datasheet
1Mb / 44P
32K I2C??Serial EEPROM
2002-2012
24LC32A-I MICROCHIP-24LC32A-I Datasheet
1Mb / 44P
32K I2C Serial EEPROM
11/29/11
24AA32A MICROCHIP-24AA32A Datasheet
1,019Kb / 42P
32K I2C Serial EEPROM
01/05/10
24LC32A MICROCHIP-24LC32A Datasheet
1,019Kb / 42P
32K I2C Serial EEPROM
01/05/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com