Electronic Components Datasheet Search
  English  ▼

X  

24AA64F Datasheet(PDF) 6 Page - Microchip Technology

Part # 24AA64F
Description  64K I2C Serial EEPROM with Quarter-Array Write-Protect
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24AA64F Datasheet(HTML) 6 Page - Microchip Technology

Back Button 24AA64F_13 Datasheet HTML 2Page - Microchip Technology 24AA64F_13 Datasheet HTML 3Page - Microchip Technology 24AA64F_13 Datasheet HTML 4Page - Microchip Technology 24AA64F_13 Datasheet HTML 5Page - Microchip Technology 24AA64F_13 Datasheet HTML 6Page - Microchip Technology 24AA64F_13 Datasheet HTML 7Page - Microchip Technology 24AA64F_13 Datasheet HTML 8Page - Microchip Technology 24AA64F_13 Datasheet HTML 9Page - Microchip Technology 24AA64F_13 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
24AA64F/24LC64F/24FC64F
DS22154B-page 6
 2009-2012 Microchip Technology Inc.
4.0
BUS CHARACTERISTICS
The following bus protocol has been defined:
• Data transfer may be initiated only when the bus
is not busy
• During data transfer, the data line must remain
stable whenever the clock line is high. Changes in
the data line while the clock line is high will be
interpreted as a Start or Stop condition
Accordingly, the following bus conditions have been
defined (Figure 4-1).
4.1
Bus Not Busy (A)
Both data and clock lines remain high.
4.2
Start Data Transfer (B)
A high-to-low transition of the SDA line while the clock
(SCL) is high determines a Start condition. All
commands must be preceded by a Start condition.
4.3
Stop Data Transfer (C)
A low-to-high transition of the SDA line while the clock
(SCL) is high determines a Stop condition. All
operations must be ended with a Stop condition.
4.4
Data Valid (D)
The state of the data line represents valid data when,
after a Start condition, the data line is stable for the
duration of the high period of the clock signal.
The data on the line must be changed during the low
period of the clock signal. There is one clock pulse per
bit of data.
Each data transfer is initiated with a Start condition and
terminated with a Stop condition. The number of data
bytes transferred between Start and Stop conditions is
determined by the master device and is, theoretically,
unlimited (although only the last thirty two will be stored
when doing a write operation). When an overwrite does
occur, it will replace data in a first-in first-out (FIFO)
fashion.
4.5
Acknowledge
Each receiving device, when addressed, is obliged to
generate an acknowledge after the reception of each
byte. The master device must generate an extra clock
pulse which is associated with this Acknowledge bit.
The device that acknowledges has to pull down the
SDA line during the Acknowledge clock pulse in such a
way that the SDA line is stable low during the high
period of the acknowledge related clock pulse. Of
course, setup and hold times must be taken into
account. During reads, a master must signal an end of
data to the slave by not generating an Acknowledge bit
on the last byte that has been clocked out of the slave.
In this case, the slave (24XX64F) will leave the data
line high to enable the master to generate the Stop
condition.
FIGURE 4-1:
DATA TRANSFER SEQUENCE ON THE SERIAL BUS
Note:
The 24XX64F does not generate any
Acknowledge
bits
if
an
internal
programming cycle is in progress.
SCL
SDA
(A)
(B)
(D)
(D)
(A)
(C)
Start
Condition
Address or
Acknowledge
Valid
Data
Allowed
to Change
Stop
Condition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com