Electronic Components Datasheet Search
  English  ▼

X  

EMC1413 Datasheet(PDF) 50 Page - SMSC Corporation

Part # EMC1413
Description  Multiple Channel 1 Temperature Sensors with Beta Compensation
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC1413 Datasheet(HTML) 50 Page - SMSC Corporation

Back Button EMC1413 Datasheet HTML 44Page - SMSC Corporation EMC1413 Datasheet HTML 45Page - SMSC Corporation EMC1413 Datasheet HTML 46Page - SMSC Corporation EMC1413 Datasheet HTML 47Page - SMSC Corporation EMC1413 Datasheet HTML 48Page - SMSC Corporation EMC1413 Datasheet HTML 49Page - SMSC Corporation EMC1413 Datasheet HTML 50Page - SMSC Corporation EMC1413 Datasheet HTML 51Page - SMSC Corporation EMC1413 Datasheet HTML 52Page - SMSC Corporation  
Zoom Inzoom in Zoom Outzoom out
 50 / 52 page
background image
Multiple Channel 1°C Temperature Sensors with Beta Compensation
Datasheet
Revision 1.41 (02-23-12)
50
SMSC EMC1413 / EMC1414
DATASHEET
Figure 9.7 EMC1413-A 10-Pin DFN Package Markings
Figure 9.8 EMC1413 10-Pin MSOP Package Markings
BOTTOM
LINE 1: Device Code, First 2 of last 6 digits
of Lot Number
LINE 2: Last 4 digits of Lot Number
LINES 1 & 2: CENTER HORIZONTAL ALIGNMENT
PB-FREE/GREEN SYMBOL
(Ni/Pd PP-LF)
2x 0.6
TOP
e4
PIN 1
30
LINE 3: AS SHOWN
BOTTOM MARKING IS NOT ALLOWED
BOTTOM
LINE: 1-T – Device Number
LINE: 2-T Version, Revision, Country Code (VRCC)
ALL TOP LINES CENTER
HORIZONTAL ALIGNMENT
PB-FREE/GREEN SYMBOL
(Matte Sn)
2x 1.5pt
TOP
e3
PIN 1
LINE: 1-B – Date Code (YYWW)
LINE: 2-B – First 3 Digits of Lot Number
3x 1.5pt
PIN 1
LINE: 3-B – Last 4 Digits of Lot Number
14
1 3
VR
C C
YY W W
12 3
45
6 a



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com