Electronic Components Datasheet Search
  English  ▼

X  

EMC1412 Datasheet(PDF) 39 Page - SMSC Corporation

Part # EMC1412
Description  Multiple Channel 1 Temperature Sensor with Beta Compensation
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC1412 Datasheet(HTML) 39 Page - SMSC Corporation

Back Button EMC1412 Datasheet HTML 35Page - SMSC Corporation EMC1412 Datasheet HTML 36Page - SMSC Corporation EMC1412 Datasheet HTML 37Page - SMSC Corporation EMC1412 Datasheet HTML 38Page - SMSC Corporation EMC1412 Datasheet HTML 39Page - SMSC Corporation EMC1412 Datasheet HTML 40Page - SMSC Corporation EMC1412 Datasheet HTML 41Page - SMSC Corporation EMC1412 Datasheet HTML 42Page - SMSC Corporation EMC1412 Datasheet HTML 43Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 47 page
background image
Multiple Channel 1°C Temperature Sensor with Beta Compensation
Datasheet
SMSC EMC1412
39
Revision 1.41 (02-23-12)
DATASHEET
Temperature Error vs. Series Resistance
0.0
0.2
0.4
0.6
0.8
1.0
0
50
100
150
200
0
20
40
60
80
100
120
REC Enabled
REC Disabled
Series R(Ohm)
Tem perature Error vs. Am bient Tem perature
(2N3904, T
DIODE = 27°C, V DD = 3.3V )
-2.0
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
2.0
-40
-25 -10
5
20
35
50
65
80
95
110 125
Am bient Tem perature (°C)
EXT2 - APD
EXT3 - APD
S upply Curre nt vs. Conve rsion Ra te
200
300
400
500
600
700
800
900
1000
1100
1200
124
8
16
32
64
Conve rsion Ra te
Dy namic
A v eraging
Enabled
Dy namic
A v eraging
Dis abled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com