Electronic Components Datasheet Search
  English  ▼

X  

PIC24EGU Datasheet(PDF) 6 Page - Microchip Technology

Part # PIC24EGU
Description  16-bit Embedded Control Solutions PIC24 Microcontrollers dsPIC Digital Signal Controllers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24EGU Datasheet(HTML) 6 Page - Microchip Technology

Back Button PIC24EGU Datasheet HTML 2Page - Microchip Technology PIC24EGU Datasheet HTML 3Page - Microchip Technology PIC24EGU Datasheet HTML 4Page - Microchip Technology PIC24EGU Datasheet HTML 5Page - Microchip Technology PIC24EGU Datasheet HTML 6Page - Microchip Technology PIC24EGU Datasheet HTML 7Page - Microchip Technology PIC24EGU Datasheet HTML 8Page - Microchip Technology PIC24EGU Datasheet HTML 9Page - Microchip Technology PIC24EGU Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
6 16-bit Embedded Control Solutions
16-bit Product Families
PIC24 16-bit Microcontrollers (MCUs)
Family
Pins
Flash
Memory
Kbytes
SRAM
Kbytes
16-bit Timers
Input Capture
Output Compare
Analog
Communications
Serial I/O
Additional Features
PIC24F Family: 16 MIPS, Lowest Cost, Lowest Power, General Purpose
PIC24F K
Families
14–48
4–32
0.5–2
3–5 Timers
1–3 IC
1–3 OC
10-bit ADC (500 ksps) or
10/12-bit ADC (200/100 ksps),
7–16 ch., 3 comparators
UART (2),
SPI (1/2),
I2C™ (1/2)
EEPROM, CTMU, RTCC, Deep Sleep
PIC24F G
Families
28–100
16–256
4–96
5 Timers
5–9 IC
5–9 OC
10-bit ADC (500 ksps) or
10/12-bit ADC (200/100 ksps),
9–24 ch., 2/3 comparators,
CTMU (0/1)
UART (2/4),
SPI (2/3),
I2C (2/3),
USB-OTG
LCD, DMA, PPS, PMP, RTCC, CRC,
Deep Sleep, JTAG, Vbat
PIC24F D
Families
64–100
128–256
24–96
5 Timers
9 IC
9 OC
10-bit ADC (500 ksps),
16–24 ch., 3 comparators,
CTMU
UART (4),
SPI (3), I2C (3),
USB-OTG
Graphics Display Controller
PPS, PMP, RTCC, CRC, JTAG
PIC24H Family: 40 MIPS, High Performance, General Purpose
PIC24H GP
Families
18–100
12–256
1–16
3–9 Timers
4–8 IC
2–8 OC
User selectable 12-bit ADC
(500 ksps) or
10-bit ADC (1.1 Msps),
8–32 ch., (0/2)
UART (1-2),
SPI (1–2),
I2C (1–2),
CAN
8 ch. DMA, PPS, PMP, RTCC, CRC,
JTAG,High Temperature (150°C)
Options
PIC24E Family: 70 MIPS, High Performance, General Purpose and Motor Control
PIC24E GP
Families*
28–64
64
16
5 Timers
4 IC
4 OC
User selectable 12-bit ADC (500 ksps)
or 10-bit ADC (1.1 Msps), 6–16 ch, 4
analog comparators, 3 Op Amps
UART, CAN,
SPI, I2C
mTouch™, DMA
PIC24E MC
Families*
28–64
64
16
5 Timers
4 IC
4 OC
User selectable 12-bit ADC (500 ksps)
or 10-bit ADC (1.1 Msps), 6–16 ch, 4
analog comparators, 3 Op Amps
UART, CAN,
SPI, I2C
mTouch, 6 Motor Control PWM
Outputs, DMA
PIC24E GU
Families*
64–144
256–512 +
24 Aux
Flash
53
9 times, 16 IC,
16 OC
Two user selectable ADCs at 12-bit
(500 ksps) or 10-bit (1.1 MSPS),
24–32 ch., 3 analog comparators
UART, CAN,
SPI, I2C
USB, DMA, PMP parallel port
dsPIC®Digital Signal Controllers (DSCs)
Family
Max
Speed
Pins
Program
Memory
(Kbytes)
RAM
(Bytes)
8/16/32-bit
Timers
(× 8, × 16,
× 32)
A/D
Ch.
A/D
Res.
(bits)
A/D
Sample
(KSPS)
Analog
Comp
Communication
Peripherals
PWM
Ch.
PWM
Type
Additional Features
16-bit DSCs: General Purpose
dsPIC33F
Families*
40
MIPS
18–100
12–256
1K–30K
3–9 × 16
6–32 10 or
12
500 or
1.1M
0–2
UART, I2C™,
SPI, CAN, DCI
2–8
Standard Flash security, JTAG, DMA,
PMP, RTCC, DAC, CRC
dsPIC33E GP
Families*
70
MIPS
28–64
32–512
4–48K
5  × 16
6–16 10 or
12
500 or
1.1M
4
UART, I2C, SPI, CAN
8
Standard
Flash security, on-chip
op amps, mTouch, JTAG,
DMA, CRC
16-bit DSCs: Motor Control
dsPIC33F
Families*
40
MIPS
20–100
12–256
1K–30K
3–9 × 16
4–24 10 or
12
500 or
1.1M
0–2
UART, I2C, SPI, CAN 6–8 Motor Ctrl. Flash security, JTAG, DMA,
PMP, RTCC, CRC, QEI
dsPIC33E MU
Families*
70
MIPS
64–144 280–536 28K–52K
9 × 16
24–
32
10 or
12
500 or
1.1M
3
UART, I2C, SPI,
CAN, USB-OTG
14
Motor Ctrl. Flash security, JTAG, DMA,
PMP, RTCC, CRC, QEI
dsPIC33E MC
Families*
70
MIPS
28–64
32–512
4–48K
5 × 16
6–16 10 or
12
500 or
1.1M
4
UART, I2C, SPI, CAN
6
Motor Ctrl.
Flash security, on-chip
op amps, mTouch, JTAG,
DMA, CRC, QEI
16-bit DSCs: Digital Power Conversion
dsPIC33F GS
Families
50
MIPS
18–100
6–64
256–9K
2–5 × 16
6–24
10
2M or
4M
0–4
UART, I2C, SPI, CAN 4–18
High-
speed
Flash security, JTAG, DMA,
10-bit DAC Output
*Parts available with High Temperature options.
All parts available with Industrial and Extended Temperature options.
For a complete listing of 16-bit Microcontrollers and dsPIC Digital Signal Controllers, see the Product Selector Guide
(DS01308) or visit www.microchip.com/16bit or use Micorchip’s Advanced Product Selector Tool.
www.microchip.com/16-bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com