Electronic Components Datasheet Search
  English  ▼

X  

AFE4400 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # AFE4400
Description  Integrated Analog Front-End for Heart Rate Monitors and Low-Cost Pulse Oximeters
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE4400 Datasheet(HTML) 13 Page - Texas Instruments

Back Button AFE4400 Datasheet HTML 9Page - Texas Instruments AFE4400 Datasheet HTML 10Page - Texas Instruments AFE4400 Datasheet HTML 11Page - Texas Instruments AFE4400 Datasheet HTML 12Page - Texas Instruments AFE4400 Datasheet HTML 13Page - Texas Instruments AFE4400 Datasheet HTML 14Page - Texas Instruments AFE4400 Datasheet HTML 15Page - Texas Instruments AFE4400 Datasheet HTML 16Page - Texas Instruments AFE4400 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 69 page
background image
10
11
12
13
14
15
16
0
10
20
30
40
50
Pleth Current ( A)
Duty cycle 1%
Duty cycle 5%
Duty cycle 10%
Duty cycle 15%
Duty cycle 20%
Duty cycle 25%
C011
For each setting RF adjusted for Full-Scale Output.
Amb Cancellation & stage 2 Gain = 4 used for Low pleth currents (0.125uA, 0.25uA & 0.5uA.)
RMS noise is calculated in 5Hz B/W & NFB is calculated using 6.6 u RMS noise.
10
11
12
13
14
15
16
0
10
20
30
40
50
Pleth Current ( A)
Duty cycle 1%
Duty cycle 5%
Duty cycle 10%
Duty cycle 15%
Duty cycle 20%
Duty cycle 25%
C012
For each setting RF adjusted for Full-Scale Output.
Amb Cancellation & stage 2 Gain = 4 used for Low Pleth currents (0.125uA, 0.25uA & 0.5uA).
RMS noise is calculated in 5Hz B/W & NFB is calculated using 6.6 u RMS noise.
0
200
400
600
800
1000
1200
1400
0
10
20
30
40
50
Pleth Current ( A)
Duty cycle 1%
Duty cycle 5%
Duty cycle 10%
Duty cycle 15%
Duty cycle 20%
Duty cycle 25%
C009
For each setting RF adjusted for Full-Scale Output.
Amb Cancellation & stage 2 Gain = 4 used for
Low Pleth currents (0.125uA, 0.25uA & 0.5uA).
Noise is calculated in 5Hz band.
10
11
12
13
14
15
16
0
10
20
30
40
50
Pleth Current ( A)
Duty cycle 1%
Duty cycle 5%
Duty cycle 10%
Duty cycle 15%
Duty cycle 20%
Duty cycle 25%
C010
For each setting RF adjusted for Full-Scale Output.
Amb Cancellation & stage 2 Gain = 4 used for Low Pleth currents (0.125uA, 0.25uA & 0.5uA).
RMS noise is calculated in 5Hz B/W & NFB is calculated using 6.6 u RMS noise.
0
100
200
300
400
500
600
700
800
0
10
20
30
40
50
Pleth Current ( A)
Duty Cycle = 1%
Duty Cycle = 5%
Duty Cycle = 10%
Duty Cycle = 15%
Duty Cycle = 20%
Duty Cycle = 25%
C007
For each RF adjusted for Full-Scale Output.
Amb Cancellation & stage 2 Gain = 4 used for Low
Pleth currents (0.125uA, 0.25uA & 0.5uA).
Noise is calculated in 5Hz band.
0
200
400
600
800
1000
1200
0
10
20
30
40
50
Pleth Current ( A)
Duty cycle 1%
Duty cycle 5%
Duty cycle 10%
Duty cycle 15%
Duty cycle 20%
Duty cycle 25%
C008
For each setting RF adjusted for Full-Scale Output.
Amb Cancellation & stage 2 Gain = 4 used for
Low Pleth currents (0.125uA, 0.25uA & 0.5uA).
Noise is calculated in 5Hz band.
AFE4400
www.ti.com
SBAS601D – DECEMBER 2012 – REVISED MAY 2013
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C, RX_ANA_SUP = RX_DIG_SUP = 3.0 V, TX_CTRL_SUP = LED_DRV_SUP = 3.3 V, and fCLK = 8 MHz, unless
otherwise noted.
Figure 9. INPUT-REFERRED NOISE CURRENT vs
Figure 10. INPUT-REFERRED NOISE CURRENT vs
PLETH CURRENT (PRF = 1200 Hz)
PLETH CURRENT (PRF = 2500 Hz)
Figure 11. INPUT-REFERRED NOISE CURRENT vs
Figure 12. NOISE-FREE BITS vs PLETH CURRENT
PLETH CURRENT (PRF = 5000 Hz)
(PRF = 100 Hz)
Figure 13. NOISE-FREE BITS vs PLETH CURRENT
Figure 14. NOISE-FREE BITS vs PLETH CURRENT
(PRF = 300 Hz)
(PRF = 600 Hz)
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: AFE4400



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com