Electronic Components Datasheet Search
  English  ▼

X  

MD-80SS Datasheet(PDF) 2 Page - CUI INC

Part # MD-80SS
Description  MINI DIN CONNECTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

MD-80SS Datasheet(HTML) 2 Page - CUI INC

  MD-80SS Datasheet HTML 1Page - CUI INC MD-80SS Datasheet HTML 2Page - CUI INC MD-80SS Datasheet HTML 3Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
cui.com
CUI Inc
│ SERIES: MD-XXSS │ DESCRIPTION: MINI DIN CONNECTOR
date
02/10/2012 │ page 2 of 3
4.7 0.185
8.5 0.335
11.0 0.433
7
5
3
1
2
8
4
6
6.5 0.256
0.551
14.0
0.315
0.1
8.0
5.0 0.197
12.8 0.504
3.5 0.138
0.5 (TYP)
0.1
1.8
0.457
11.5
0.071
12.3 0.484
12.5 0.492
0.3
MECHANICAL DRAWINGS
units: mm[inches]
TOLERANCE: ±0.2mm
MATERIAL
PLATING
earth terminal
brass
tin
contact terminals (1~8)
phosphor bronze
silver
plastic
PBT
3
1
2
4
2
1
3
5
32
1
4
11.0 0.433
0.185
4.7
0.335
(2 PLCS)
0.035
0.9
0.268
6.8
8.5
0.9
0.035
(3 PLCS)
PCB LAYOUT
TOP VIEW
2
1
0.7X2.2
3
+0.1
-0.0
6.8 0.268
0.185
4.7
0.433
(2 PLCS)
11.0
0.335
(2 PLCS)
8.5
0.9
0.035
(4 PLCS)
PCB LAYOUT
TOP VIEW
4
2
3
1
0.7X2.2
0.9
0.035
(5 PLCS)
0.185
4.7
0.433
(2 PLCS)
11.0
0.335
(3 PLCS)
6.8 0.268
8.5
1.3 0.051
PCB LAYOUT
TOP VIEW
45
3
2
0.7X2.2
1
+0.1
-0.0
+0.1
-0.0
MD-30SS
MD-40SS
MD-50SS



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com