Electronic Components Datasheet Search
  English  ▼

X  

MD-80SSW Datasheet(PDF) 2 Page - CUI INC

Part # MD-80SSW
Description  MINI DIN CONNECTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

MD-80SSW Datasheet(HTML) 2 Page - CUI INC

  MD-80SSW Datasheet HTML 1Page - CUI INC MD-80SSW Datasheet HTML 2Page - CUI INC MD-80SSW Datasheet HTML 3Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
cui.com
date
02/09/2012 │ page 2 of 3
CUI Inc
│ SERIES: MD-XXSSW │ DESCRIPTION: MINI DIN CONNECTOR
MECHANICAL DRAWINGS
units: mm[inches]
TOLERANCE: ±0.2mm
6.5 0.256
2.6
0.185
4.7
0.102
0.217
(2 PLCS)
5.5
0.335
(4 PLCS)
8.5
0.433
(4 PLCS)
0.531
13.5
0.630
16.0
0.268
6.8
13.5
11.0
0.531
0.9 0.035
6
7
8
12.8 0.504
0.551
14.0
3.5 0.138
(TYP)
20.9 0.823
12.8 0.504
1
2
5
4 3
10
SCHEMATIC
9
MATERIAL
PLATING
earth terminal
brass
tin
contact terminals (1~8)
phosphor bronze
silver
spring terminal (9)
copper titanium
silver
shunt terminal (10)
brass
silver
shield plate
steel
tin
plastic
PBT
no electrical contact between terminal 9 and terminals 1~8
4.7 0.185
11.0 0.433
0.217
(2 PLCS)
5.5
0.335
(2 PLCS)
0.531
13.5
0.630
16.0
0.268
6.8
13.5
8.5
0.531
0.035
0.9
(5 PLCS)
0.9 0.035
2
1
3
10
9
0.7X2.2
(3 PLCS)
6.8 0.268
0.185
4.7
0.217
(2 PLCS)
5.5
0.335
(2 PLCS)
8.5
0.433
(2 PLCS)
0.531
13.5
16.0 0.630
13.5 0.531
11.0
(6 PLCS)
0.9 0.035
2
1
4
3
10
9
0.7X2.2
(3 PLCS)
11.0
0.531
0.185
4.7
13.5
0.051
1.3
0.335
(3 PLCS)
8.5
0.433
(2 PLCS)
0.531
13.5
16.0 0.630
0.9
(7 PLCS)
0.035
0.268
6.8
0.217
5.5
(2 PLCS)
3
2
5
1
4
10
9
0.7X2.2
(3 PLCS)
4
5
2
3
1
3
21
3
4
21
MD-30SSW
MD-40SSW
MD-50SSW



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com