Electronic Components Datasheet Search
  English  ▼

X  

UG-128 Datasheet(PDF) 4 Page - Analog Devices

Part # UG-128
Description  Evaluation Board User Guide
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

UG-128 Datasheet(HTML) 4 Page - Analog Devices

  UG-128 Datasheet HTML 1Page - Analog Devices UG-128 Datasheet HTML 2Page - Analog Devices UG-128 Datasheet HTML 3Page - Analog Devices UG-128 Datasheet HTML 4Page - Analog Devices UG-128 Datasheet HTML 5Page - Analog Devices UG-128 Datasheet HTML 6Page - Analog Devices UG-128 Datasheet HTML 7Page - Analog Devices UG-128 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
UG-128
Evaluation Board User Guide
Rev. B | Page 4 of 8
EVALUATION BOARD LAYER STACKUP
TOP SILK
TOP MASK
TOP COPPER
2 × 106 0.009” 50Ω WITH 16 mils TRACE WIDTH
INNER COPPER GND
0.37” SPACER
INNER COPPER VCC
1 × 1080 0.0032”
INNER COPPER GND
1 × 1080 0.0032”
INNER COPPER VEE
1 × 1080 0.0032”
BOTTOM COPPER GND
BOTTOM MASK
BOTTOM SILK
0.062”
6-LAYER STACKUP
Figure 6. Evaluation Board Stackup



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com