Electronic Components Datasheet Search
  English  ▼

X  

PS9306L Datasheet(PDF) 12 Page - California Eastern Labs

Part # PS9306L
Description  0.6 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 6-PIN SDIP PHOTOCOUPLER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS9306L Datasheet(HTML) 12 Page - California Eastern Labs

Back Button PS9306L Datasheet HTML 8Page - California Eastern Labs PS9306L Datasheet HTML 9Page - California Eastern Labs PS9306L Datasheet HTML 10Page - California Eastern Labs PS9306L Datasheet HTML 11Page - California Eastern Labs PS9306L Datasheet HTML 12Page - California Eastern Labs PS9306L Datasheet HTML 13Page - California Eastern Labs PS9306L Datasheet HTML 14Page - California Eastern Labs PS9306L Datasheet HTML 15Page - California Eastern Labs PS9306L Datasheet HTML 16Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
PS9306L,PS9306L2
Chapter Title
9
1
f
o
2
1
e
g
a
P
0
0
.
1
.
v
e
R
0
0
1
0
J
E
7
1
0
0
S
D
8
0
R
Nov 10, 2011
0
50
100
VCC = 30 V, IF = 10 mA, Cg = 3 nF,
f = 10 kHz, Duty cycle = 50%
tPHL
tPLH
0
400
350
300
250
200
150
100
50
0
50
100
0
400
350
300
250
200
150
100
50
0
VCC = 30 V, IF = 10 mA,
Rg = 47 Ω, f = 10 kHz,
Duty cycle = 50%
tPHL
tPLH
15
20
30
25
10
400
350
300
250
200
150
100
50
0
IF = 10 mA, Rg = 47 Ω, Cg = 3 nF,
f = 10 kHz, Duty cycle = 50%
tPHL
tPLH
5
2
0
1
20
0
VCC = 30 V, Rg = 47 Ω, Cg = 3 nF,
f = 10 kHz, Duty cycle = 50%
400
350
300
250
200
150
100
50
0
tPHL
tPLH
400
350
300
250
200
150
100
50
0
VCC = 30 V, IF = 10 mA,
Rg = 47 Ω, Cg = 3 nF,
f = 10 kHz, Duty cycle = 50%
–25
25
50
75
125
100
–50
0
tPHL
tPLH
PWD
0
3
5
1
0
1
25
VO = OPEN
20
3
2.5
2
1.5
1
0.5
0
ICCH (IF = 10 mA)
ICCL (IF = 0 mA)
Ambient Temperature TA (°C)
Supply Voltage VCC (V)
SUPPLY CURRENT vs.
SUPPLY VOLTAGE
PROPAGATION DELAY TIME,
PULSE WIDTH DISTORTION
vs. AMBIENT TEMPERATURE
Supply Voltage VCC (V)
PROPAGATION DELAY TIME vs.
SUPPLY VOLTAGE
Forward Current IF (mA)
PROPAGATION DELAY TIME vs.
FORWARD CURRENT
Load Capacitance Cg (nF)
PROPAGATION DELAY TIME vs.
LOAD CAPACITANCE
PROPAGATION DELAY TIME
vs. LOAD RESISTANCE
Load Resistance Rg (Ω)
Remark The graphs indicate nominal characteristics.
A Business Partner of Renesas Electronics Corporation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com