Electronic Components Datasheet Search
  English  ▼

X  

EN55022 Datasheet(PDF) 7 Page - General Semiconductor

Part # EN55022
Description  CAR2512FP series rectifier Input: 90Vac to 264Vac Output: 12Vdc 208A 3.3Vdc or 5 Vdc 1A
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

EN55022 Datasheet(HTML) 7 Page - General Semiconductor

  EN55022 Datasheet HTML 1Page - General Semiconductor EN55022 Datasheet HTML 2Page - General Semiconductor EN55022 Datasheet HTML 3Page - General Semiconductor EN55022 Datasheet HTML 4Page - General Semiconductor EN55022 Datasheet HTML 5Page - General Semiconductor EN55022 Datasheet HTML 6Page - General Semiconductor EN55022 Datasheet HTML 7Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
GE Energy
CAR2512FP series rectifier
Input: 90Vac to 264Vac; Output: 12 Vdc @ 208A; 3.3Vdc or 5 Vdc @ 1A
Part number definition guide
CAR
25
12
F
P
x
x
x
x
-01A
Series
Revision
25 = 2500W
Y = 5 of 6, Z = 6 of 6
12 = 12Vdc
Blank = 3.3V, 5 = 5V
Blank = PMBus, C = I2C
F = front end
Blank = none, B = bezel option
P = positive, N = negative
Contact Us
For more information, call us at
USA/Canada:
+1 888 546 3243, or +1 972 244 9288
Asia-Pacific:
+86.021.54279977*808
Europe, Middle-East and Africa:
+49.89.878067-280
India:
+91.80.28411633
www.ge.com/powerelectronics
July 18, 2012
©2012 General Electric Company. All rights reserved.
Page 7
Connector Pin Assignments
Input Mating Connector:
IEC320, C19 type
Output Connector:
Tyco P/N 6600122-7 or equivalent
Mating connector: Primary Source:
FCI berg P/N 51915-176LF
Secondary Source: Tyco P/N 6450171-5
Pin
Function
Pin
Function
Pin
Function
Pin
Function
A1
Vstb [3.3V]
B1
Fault
C1
IShare
D1
VProg
A2
PS Present
B2
I Monitor (IMON)
C2
No connect
D2
OVP Test Point
A3
Signal Return
B3
Enable: “0” –ON “1” -OFF
C3
Over Temp Warning
D3
Remote ON/OFF
A4
Write Protect (WP)
B4
Vstb [3.3V] Return
C4
I2C Address (A0)
D4
DC OK
A5
Remote Sense (+)
B5
SDA (I2C bus)
C5
I2C Address (A1)
D5
AC OK
A6
Remote Sense (-)
B6
SCL (I2C bus)
C6
I2C Address (A2)
D6
SMBAlert
P1 – P6
Output Return
P7– P12
+12Vout
Ordering Information
Please contact your GE Energy Sales Representative for pricing, availability and optional features.
PRODUCT
DESCRIPTION
PART NUMBER
2500W Front-End
+12Vout Front-End, 3.3Vaux, with face plate and PMBus interface, RoHS 6 of 6
CAR2512FPBXXZ01A
2500W Front-End
+12Vout Front-End, 5Vaux, with face plate and PMBus interface, RoHS 6 of 6
CAR2512FPBC5Z01A



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com