Electronic Components Datasheet Search
  English  ▼

X  

JC030D-M Datasheet(PDF) 16 Page - General Semiconductor

Part # JC030D-M
Description  JC030-Series Power Modules 18 Vdc to 36 Vdc Inputs 2 Vdc to 15 Vdc Outputs13 W to 30 W
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

JC030D-M Datasheet(HTML) 16 Page - General Semiconductor

Back Button JC030D-M Datasheet HTML 12Page - General Semiconductor JC030D-M Datasheet HTML 13Page - General Semiconductor JC030D-M Datasheet HTML 14Page - General Semiconductor JC030D-M Datasheet HTML 15Page - General Semiconductor JC030D-M Datasheet HTML 16Page - General Semiconductor JC030D-M Datasheet HTML 17Page - General Semiconductor JC030D-M Datasheet HTML 18Page - General Semiconductor JC030D-M Datasheet HTML 19Page - General Semiconductor JC030D-M Datasheet HTML 20Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
JC030-Series Power Modules:
Data Sheet
18 Vdc to 36 Vdc Inputs; 2 Vdc to 15 Vdc Outputs;13 W to 30 W
March 26, 2008
16
16
Lineage Power
Thermal Considerations (continued)
Heat Sink Selection (continued)
8-1052(C).a
Figure 32. Case-to-Ambient Thermal Resistance
vs. Air Velocity Curves; Either
Orientation
Although the previous example uses 100 °C as the
maximum case temperature, for extremely high-reliabil-
ity applications, one can use a lower temperature for
TC, max.
The thermal resistances shown in Figure 32 are for
heat transfer from the sides and bottom of the module
as well as the top side with the attached heat sink;
therefore, the case-to-ambient thermal resistances
shown will generally be lower than the resistance of the
heat sink by itself. The data in Figure 32 was taken with
a thermally conductive dry pad between the case and
the heat sink to minimize contact resistance (typically
0.1 °C/W to 0.3 °C/W).
For a more detailed explanation of thermal energy
management for this series of power modules as well
as more details on available heat sinks, please request
the following technical note: Thermal Management JC-
and JW-Series 30 W Board-Mounted Power Modules
(TN97-016EPS).
Layout Considerations
Copper paths must not be routed beneath the power
module standoffs.
0
0.25
(50)
0.51
(100)
0.76
(150)
1.02
(200)
1.78
(350)
2.03
(400)
0
5
6
7
8
AIR VELOCITY, ms-1 (ft./min.)
4
3
2
1
1.27
(250)
1.52
(300)
NO HEAT SINK
1/4 in. HEAT SINK
1/2 in. HEAT SINK
1 in. HEAT SINK
1 1/2 in. HEAT SINK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com