Electronic Components Datasheet Search
  English  ▼

X  

24327 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 24327
Description  10 mm Film Dielectric Trimmers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

24327 Datasheet(HTML) 2 Page - Vishay Siliconix

  24327 Datasheet HTML 1Page - Vishay Siliconix 24327 Datasheet HTML 2Page - Vishay Siliconix 24327 Datasheet HTML 3Page - Vishay Siliconix 24327 Datasheet HTML 4Page - Vishay Siliconix 24327 Datasheet HTML 5Page - Vishay Siliconix 24327 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2281 808 .....
Ø 10 mm Film Dielectric Trimmers
Vishay BCcomponents
Document Number 28528
For technical questions contact: filmcaps.roeselare@vishay.com
www.vishay.com
Revision 13-Jan-06
321
5
± 0.1
5.85 ± 0.2
3 ± 0.2
0.6 ± 0.1
4
± 0.5
0.65
± 0.2
0.5
± 0.15
10.6
max.
11
max.
1.15 max.
15.3
0
- 1
∅ 2.5
∅ 1.6
∅ 2
10
0
- 0.2
2.5
0.4 max.
Z
stator
rotor (2
×)
0.6
0.7
1
5.8
DETAIL Z
turned 90
°
ROUND HEAD
EXTENDED HEXAGONAL HEAD
5
± 0.1
5.85 ± 0.2
3 ± 0.2
0.6 ± 0.1
4
± 0.5
0.85
max.
0.5
± 0.15
10.6
max.
11
max.
1.15 max.
15.3
0
- 1
∅ 2.5
∅ 1.6
∅ 2
10
0
- 0.2
2.5
Z
stator
rotor (2
×)
0.6
0.7
1
5.8
DETAIL Z
turned 90
°
ROUND HEAD
EXTENDED HEXAGONAL HEAD
10
5
1.3
RR
S
5
R = rotor, S = stator
The large hole is for bottom adjustment and the
diameter is determined by user’s requirements.
5
1.3
RR
S
7.5
2.5
R = rotor, S = stator
Hole pattern
Hole pattern
Dimensions in millimeters.
Trimmers 2281 808 ..... series, vertical version



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com