Electronic Components Datasheet Search
  English  ▼

X  

LX015F Datasheet(PDF) 9 Page - General Semiconductor

Part # LX015F
Description  LC/LW010- and LC/LW015-Series Power Modules 18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

LX015F Datasheet(HTML) 9 Page - General Semiconductor

Back Button LX015F Datasheet HTML 5Page - General Semiconductor LX015F Datasheet HTML 6Page - General Semiconductor LX015F Datasheet HTML 7Page - General Semiconductor LX015F Datasheet HTML 8Page - General Semiconductor LX015F Datasheet HTML 9Page - General Semiconductor LX015F Datasheet HTML 10Page - General Semiconductor LX015F Datasheet HTML 11Page - General Semiconductor LX015F Datasheet HTML 12Page - General Semiconductor LX015F Datasheet HTML 13Page - General Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
9
Lineage Power
Data Sheet
March 27, 2008
18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
LC/LW010- and LC/LW015-Series Power Modules:
Characteristics Curves (continued)
8-1792(C)
Note: Output2 has characteristics similar to output1 when
IO2 = 1.0 A and IO1 varies.
Figure 8. Lx010AJ Typical Cross Regulation,
VO1 vs. IO2 with Fixed IO1 = 1.0 A at
TC = 25 °C
8-1793(C)
Note: Output2 has characteristics similar to output1 when
IO1 = (0.5 * IO, max) and IO2 varies.
Figure 9. Lx010BK, CL Load Regulation of Output1
with Fixed IO2 = 0.5 * IO, max at TC = 25 °C,
Normalized VO1 vs. Normalized Current IO1
8-1794(C)
Note: Output2 has characteristics similar to output1 when
IO2 = IO, min and IO1 varies.
Figure 10. Lx010BK, CL Typical Cross Regulation,
Normalized VO1 vs. Normalized IO2 with
Fixed IO1 = IO, min at TC = 25 °C
8-1795(C)
Note: Output2 has characteristics similar to output1 when
IO2 = IO, max and IO1 varies.
Figure 11. Lx010BK, CL Typical Cross Regulation,
Normalized VO1 vs. Normalized IO2 with
Fixed IO1 = IO, max at TC = 25 °C
0.1
0.2
0.3
0.5
0.6
0.7
4.75
4.90
OUTPUT CURRENT 2, IO2 (A)
4.85
4.95
1.0
0.0
4.80
0.8
0.9
5.00
0.4
VI = HIGH LINE
VI = NOM LINE
VI = LOW LINE
0.15
0.30
0.45
0.75
0.90
0.990
1.013
NORMALIZED OUTPUT CURRENT (IO1/IO1, max)
1.010
1.016
1.05
0.0
1.006
1.020
0.60
1.003
1.000
0.996
0.993
VI = HIGH LINE
IO = IO, max
IO = IO, min
VI = LOW LINE
VI = NOM LINE
1.020
1.003
0.996
1.010
1.016
1.023
1.000
1.007
1.013
0.15
0.45
0.60
0.75
0.90
1.05
0.0
0.30
NORMALIZED OUTPUT CURRENT 2 (IO2/IO2, max)
VI = NOM LINE
VI = LOW LINE
VI = HIGH LINE
IO = IO, min
IO = IO, max
1.000
0.966
0.953
0.980
0.993
1.006
0.960
0.973
0.987
0.15
0.45
0.60
0.75
0.90
1.05
0.0
0.30
NORMALIZED OUTPUT CURRENT 2 (IO2/IO2, max)
VI = LOW LINE
VI = NOM LINE
VI = HIGH LINE
IO = IO, max
IO = IO, min



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com