Electronic Components Datasheet Search
  English  ▼

X  

LW020B Datasheet(PDF) 12 Page - General Semiconductor

Part # LW020B
Description  LW020 Single-Output-Series Power Modules 36 Vdc to 75 Vdc inputs 20W
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

LW020B Datasheet(HTML) 12 Page - General Semiconductor

Back Button LW020B Datasheet HTML 8Page - General Semiconductor LW020B Datasheet HTML 9Page - General Semiconductor LW020B Datasheet HTML 10Page - General Semiconductor LW020B Datasheet HTML 11Page - General Semiconductor LW020B Datasheet HTML 12Page - General Semiconductor LW020B Datasheet HTML 13Page - General Semiconductor LW020B Datasheet HTML 14Page - General Semiconductor LW020B Datasheet HTML 15Page - General Semiconductor LW020B Datasheet HTML 16Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
12
12
Lineage Power
Data Sheet
April 2008
36 Vdc to 75 Vdc Inputs; 20 W
LW020 Single-Output-Series Power Modules:
Thermal Considerations (continued)
Heat Transfer (continued)
8-1478(C).a
Figure 17. LW020F and G Power Dissipation vs.
Output Current, TA =25°C
8-1275(C).a
Figure 18. LW020A Power Dissipation vs. Output
Current
8-1479(C)
Figure 19. LW020B Power Dissipation vs. Output
Current, TA =25°C
8-1477(C)
Figure 20. LW020C Power Dissipation vs. Output
Current, TA =25°C
1.4
1.9
2.4
2.9
3.4
0.5
OUTPUT CURRENT, IO (A)
4.0
4.5
3.9
0.4
3.5
1.0
3.0
1.5
VI = 36 V
VI = 48 V
VI = 75 V
2.5
2.0
0.9
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0
1
OUTPUT CURRENT, IO (A)
2
3
4
5
6
VI = 75
VI = 48
VI = 36
0.8
0.4
OUTPUT CURRENT, IO (A)
2
1
5
1.0
1.6
0.0
0.6
VI = 54
3
0.2
4
VI = 36
VI = 75
1.2
1.4
6
0
0.8
0.4
0.0
OUTPUT CURRENT, IO (A)
3.0
2.5
2.0
4.5
1.0
1.2
0.0
1.5
1.0
0.5
0.6
VI = 54
3.5
0.2
4.0
VI = 36
VI = 75



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com