Electronic Components Datasheet Search
  English  ▼

X  

LW020C Datasheet(PDF) 2 Page - General Semiconductor

Part # LW020C
Description  LW020 Single-Output-Series Power Modules 36 Vdc to 75 Vdc inputs 20W
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

LW020C Datasheet(HTML) 2 Page - General Semiconductor

  LW020C Datasheet HTML 1Page - General Semiconductor LW020C Datasheet HTML 2Page - General Semiconductor LW020C Datasheet HTML 3Page - General Semiconductor LW020C Datasheet HTML 4Page - General Semiconductor LW020C Datasheet HTML 5Page - General Semiconductor LW020C Datasheet HTML 6Page - General Semiconductor LW020C Datasheet HTML 7Page - General Semiconductor LW020C Datasheet HTML 8Page - General Semiconductor LW020C Datasheet HTML 9Page - General Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
Lineage Power
Data Sheet
April 2008
36 Vdc to 75 Vdc Inputs; 20 W
LW020 Single-Output-Series Power Modules:
Absolute Maximum Ratings
Stresses in excess of the absolute maximum ratings can cause permanent damage to the devices. These are
absolute stress ratings only. Functional operation of the devices is not implied at these or any other conditions in
excess of those given in the operations sections of the data sheet. Exposure to absolute maximum ratings for
extended periods can adversely affect device reliability.
* Maximum case temperature varies based on power dissipation. See derating curve, Figure 16, for details.
Electrical Specifications
Unless otherwise indicated, specifications apply over all operating input voltage, resistive load, and temperature
conditions.
Table 1. Input Specifications
Fusing Considerations
CAUTION: This power module is not internally fused. An input line fuse must always be used.
This encapsulated power module can be used in a wide variety of applications, ranging from simple stand-alone
operation to an integrated part of a sophisticated power architecture. To preserve maximum flexibility, internal fus-
ing is not included; however, to achieve maximum safety and system protection, always use an input line fuse.
The safety agencies require a normal-blow fuse with a maximum rating of 5 A (see Safety Considerations
section). Based on the information provided in this data sheet on inrush energy and maximum dc input current, the
same type of fuse with a lower rating can be used. Refer to the fuse manufacturer’s data for further information.
Parameter
Symbol
Min
Max
Unit
Input Voltage:
Continuous
Transient (100 ms)
VI
VI, trans
0
0
80
100
Vdc
V
Operating Case Temperature
(See Thermal Considerations section.)
TC
–40
110*
°C
Storage Temperature
Tstg
–40
120
°C
I/O Isolation Voltage
—
—
1500
Vdc
Parameter
Symbol
Min
Typ
Max
Unit
Operating Input Voltage
VI
36
48
75
Vdc
Maximum Input Current
(VI = 0 V to VI, max; IO = IO, max; see Figure 1.)
II, max
——
1.1
A
Inrush Transient
i2t—
—
0.1
A2s
Input Reflected-ripple Current
(50 Hz to 20 MHz; 12 µH source impedance,
TC = 25 °C; see Figure 11 and Design Considerations
section.)
II
—3—
mAp-p
Input Ripple Rejection (100 Hz—120 Hz)
—
—
60
—
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com