Electronic Components Datasheet Search
  English  ▼

X  

LW020BC Datasheet(PDF) 16 Page - General Semiconductor

Part # LW020BC
Description  LW020 Single-Output-Series Power Modules 36 Vdc to 75 Vdc inputs 20W
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

LW020BC Datasheet(HTML) 16 Page - General Semiconductor

Back Button LW020BC Datasheet HTML 8Page - General Semiconductor LW020BC Datasheet HTML 9Page - General Semiconductor LW020BC Datasheet HTML 10Page - General Semiconductor LW020BC Datasheet HTML 11Page - General Semiconductor LW020BC Datasheet HTML 12Page - General Semiconductor LW020BC Datasheet HTML 13Page - General Semiconductor LW020BC Datasheet HTML 14Page - General Semiconductor LW020BC Datasheet HTML 15Page - General Semiconductor LW020BC Datasheet HTML 16Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
Data Sheet
April 2008
36 Vdc to 75 Vdc Inputs; 20 W
LW020 Single-Output-Series Power Modules:
April 2008
DS00-05
9EPS (Replaces DS00-058EPS)
World W ide Headquarters
Lin eag e Po wer Co rp oratio n
30 00 Skyline D rive, Mesquite, T X 75149, U SA
+1-800-526-7819
(Outsid e U .S.A .: +1- 97 2-2 84 -2626)
www.line ag epower.co m
e-m ail: tech sup port1@lin ea gep ower.co m
A sia-Pacific Head quart ers
T el: +65 6 41 6 4283
Eu ro pe, M id dle-East an d Afric a He ad quarters
T el: +49 8 9 6089 286
Ind ia Head qu arters
T el: +91 8 0 28411633
Lineage Power reserves the right to make changes to the produc t(s) or information contained herein without notice. No liability is ass umed as a res ult of their use or
application. No rights under any patent acc ompany the sale of any s uc h pr oduct(s ) or information.
© 2008 Lineage Power Corpor ation, (Mesquite, Texas ) All International Rights Res er ved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com