Electronic Components Datasheet Search
  English  ▼

X  

228180832101 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # 228180832101
Description  10 mm Film Dielectric Trimmers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

228180832101 Datasheet(HTML) 5 Page - Vishay Siliconix

  228180832101 Datasheet HTML 1Page - Vishay Siliconix 228180832101 Datasheet HTML 2Page - Vishay Siliconix 228180832101 Datasheet HTML 3Page - Vishay Siliconix 228180832101 Datasheet HTML 4Page - Vishay Siliconix 228180832101 Datasheet HTML 5Page - Vishay Siliconix 228180832101 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
www.vishay.com
For technical questions contact: filmcaps.roeselare@vishay.com
Document Number 28528
324
Revision 13-Jan-06
2281 808 .....
Vishay BCcomponents
Ø 10 mm Film Dielectric Trimmers
22
Na
rapid change of temperature
1 cycle; 0.5 hours at lower and 0.5
hours at upper category
temperature
ΔC/C: ≤ 1.5 %
23
T
soldering:
Ta
solderability
solder bath immersion 3 mm;
235 °C; 2 s
good wetting
no mechanical damage
Tb
resistance to heat
solder bath: 260 °C; 10 s
no mechanical damage
24
Eb
impact bump
4000 ± 10 bumps; 40 g; 6 ms
ΔC/C: ≤ 0.4 %;
no mechanical damage
25
Fc
vibration
frequency 10 to 55 Hz;
amplitude 0.35 mm;
1.5 hours
ΔC/C: ≤ 0.8 %;
no mechanical damage
26
climatic sequence:
ΔC/C: ≤ 3 % for C
max <80 pF;
ΔC/C: ≤ 6 % for C
max ≥ 80 pF
26.1
B
dry heat
16 hours at upper category
temperature
tan
δ: ≤ 15 x 10-4 for C
max <80pF;
tan
δ: ≤ 80 x 10-4 for C
max ≥ 80 pF
Rins: ≥ 10000 MΩ;
rotor contact R:
≤ 10
Ω
26.2
D
damp heat accelerated,
first cycle
1 cycle; 24 hours; + 40 °C;
95 to 100 % RH
voltage proof:
300 V for 1 minute
26.3
Aa
cold
16 hours; - 40 °C
visual examination:
no mechanical damage
26.5
damp heat accelerated,
remaining cycles
1 cycle; 24 hours; + 40 °C;
95 to 100 % RH
operating torque: 2 to 35 mNm
27
Ca
damp heat steady state
21 days; + 40 °C;
90 to 95 % RH
ΔC/C:
≤ 3 % for C
max < 100 pF;
≤ 3 % for C
max
≥ 100 pF
tan
δ: ≤ 20 x 10-4 for C
max <80pF;
tan
δ: ≤ 80 x 10-4 for C
max ≥ 80 pF
Rins: ≥ 10000 MΩ;
rotor contact R:
≤ 10 m
Ω
voltage proof:
300 V for 1 minute
visual examination:
no mechanical damage
operating torque: 2 to 35 mNm
29
mechanical endurance
10 cycles
ΔC/C: ≤ 1 %
ΔC/C after axial thrust: ≤ 0.4 %;
rotor contact R:
≤ 10 m
Ω
voltage proof:
300 V for 1 minute
visual examination:
no mechanical damage
operating torque: 1.5 to 37 mNm
IEC
60418-1
CLAUSE
IEC 60068
TEST
METHOD
TEST
PROCEDURE
REQUIREMENTS



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com