Electronic Components Datasheet Search
  English  ▼

X  

DKA103M2 Datasheet(PDF) 1 Page - General Semiconductor

Part # DKA103M2
Description  NTC Diode Thermometrics Thermistors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

DKA103M2 Datasheet(HTML) 1 Page - General Semiconductor

  DKA103M2 Datasheet HTML 1Page - General Semiconductor DKA103M2 Datasheet HTML 2Page - General Semiconductor DKA103M2 Datasheet HTML 3Page - General Semiconductor DKA103M2 Datasheet HTML 4Page - General Semiconductor DKA103M2 Datasheet HTML 5Page - General Semiconductor DKA103M2 Datasheet HTML 6Page - General Semiconductor DKA103M2 Datasheet HTML 7Page - General Semiconductor DKA103M2 Datasheet HTML 8Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
GE
Measurement & Control Solutions
NTC Diode
Thermometrics Thermistors
A range of NTC chip thermistors in DO-35 style
glass package (diode outline) with axial solder-
coated copper-clad steel wires.
• Designed for accurate temperature
measurement, control and compensation
• Tight tolerances on resistance and B value
• Operation up to 482°F (250°C) with excellent
stability
• Glass body provides hermetic seal and voltage
insulation and excellent stability
• Designed for cost effective solid state sensor
• Lead-wires metallurgically bonded to
thermistor element for improved reliability
(Type GE only)
• Resistant to corrosive atmospheres and harsh
environments
• Available on axial bandolier to IEC-286-1/
EIA-468A and packet taped to EIA RS-481 for
MELF.
• Also available loose-packed with axial, radial
and SMD wire forms
• Suitable for automotive, telecom (battery
packs), HVAC and white goods applications
• Temperature sensing for household
appliances such as rice cookers, electronic
ranges, ovens, etc.
• Temperature sensing for industrial products
such as pharmaceuticals, chemicals, food,
etc.components.


Similar Part No. - DKA103M2

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
DKA103M2 AMPHENOL-DKA103M2 Datasheet
95Kb / 8P
Thermometrics
More results

Similar Description - DKA103M2

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
03006-11.7K-98-G100 GE-03006-11.7K-98-G100 Datasheet
96Kb / 8P
NTC Diode Thermometrics Thermistors
03006-17.53K-98-G100 GE-03006-17.53K-98-G100 Datasheet
96Kb / 8P
NTC Diode Thermometrics Thermistors
03006-29.1K-97-G100 GE-03006-29.1K-97-G100 Datasheet
96Kb / 8P
NTC Diode Thermometrics Thermistors
03006-111.3K-123-G100 GE-03006-111.3K-123-G100 Datasheet
96Kb / 8P
NTC Diode Thermometrics Thermistors
03006-269.8K-138-G100 GE-03006-269.8K-138-G100 Datasheet
96Kb / 8P
NTC Diode Thermometrics Thermistors
03006-535K-145-G100 GE-03006-535K-145-G100 Datasheet
96Kb / 8P
NTC Diode Thermometrics Thermistors
03006-5818-97-G100 GE-03006-5818-97-G100 Datasheet
96Kb / 8P
NTC Diode Thermometrics Thermistors
logo
List of Unclassifed Man...
DC95G104V ETC2-DC95G104V Datasheet
178Kb / 4P
Thermometrics Thermistors
DKF104N5 ETC2-DKF104N5 Datasheet
96Kb / 8P
NTC Diode Thermometrics Thermistors
logo
Amphenol Corporation
A990 AMPHENOL-A990 Datasheet
115Kb / 2P
Thermometrics Thermistors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com