Electronic Components Datasheet Search
  English  ▼

X  

LTO100 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # LTO100
Description  Power Resistor Thick Film Technology
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

LTO100 Datasheet(HTML) 3 Page - Vishay Siliconix

  LTO100 Datasheet HTML 1Page - Vishay Siliconix LTO100 Datasheet HTML 2Page - Vishay Siliconix LTO100 Datasheet HTML 3Page - Vishay Siliconix LTO100 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
For technical questions, contact: sfer@vishay.com
Document Number: 50051
Revision: 26-Mar-07
www.vishay.com
16
LTO 100
Vishay Sfernice
orderinG information
Power Resistor Thick Film Technology
overloads
In any case the applied voltage must be lower than the maximum overload voltage of 560V.
The values indicated on the graph below are applicable to resistors in air or mounted onto a heatsink.
power ratinG chart
The temperature of the case should be maintained within the limits specified.
To improve the thermal conductivity, surfaces in contact should be coated with a silicone grease and the torque applied on the
screw for tightening should be around 1N-m.
10 -6
10 -5
10-4
10 -3
10 -2
OVERLOAD DURATION IN SECONDS
enerGY curve
0
20
40
60
80
100
120
140
160
175
100
75
50
25
0
HEATSINk TEMPERATURE IN DEGREES CELSIUS
0.01
0.1
1
10
marKinG
Model, Style, Resistance Value (in Ω), Tolerance (in %), Manufacturing Date, VISHAY trademark
SAP Part Number LTO100F10002FTE3
sap part numberinG Guidelines
MODEL
STYLE
CONNECTIONS
RESISTANCE
VALUE
L
T
O
1
1
0
0
2
TOL
F
0
0
F
0
PACK
T
LEAD (Pb)-FREE
E
3
LTO
100
F
100 kΩ
± 1 %
xxx
TU30
e3
MODEL
STYLE
CONNECTIONS
RESISTANCE VALUE
TOLERANCE
CUSTOM DESIGN
PACKAGING
LEAD FREE
± 1 %
Optional
± 2 %
on request:
± 5 %
special TCR,
± 10 %
shape etc.
pacKaGinG
Tube of 30 units



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com