Electronic Components Datasheet Search
  English  ▼

X  

MMSZ4682 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # MMSZ4682
Description  Small Signal Zener Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MMSZ4682 Datasheet(HTML) 2 Page - Vishay Siliconix

  MMSZ4682 Datasheet HTML 1Page - Vishay Siliconix MMSZ4682 Datasheet HTML 2Page - Vishay Siliconix MMSZ4682 Datasheet HTML 3Page - Vishay Siliconix MMSZ4682 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MMSZ4681 to MMSZ4717
www.vishay.com
Vishay Semiconductors
Rev. 1.9, 27-Feb-13
2
Document Number: 85773
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
•Maximum VF = 0.9 V at IF = 10 mA
(1) Measured with device junction in thermal equilibrium
ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PART NUMBER
MARKING
CODE
ZENER VOLTAGE RANGE (1)
TEST
CURRENT
REVERSE CURRENT
VZ at IZT1
IZT1
IR at VR
V
mA
μA
V
MIN.
NOM.
MAX.
MAX.
MMSZ4681
CF
2.28
2.4
2.52
0.05
2
1
MMSZ4682
CH
2.57
2.7
2.84
0.05
1
1
MMSZ4683
CJ
2.85
3
3.15
0.05
0.8
1
MMSZ4684
CK
3.14
3.3
3.47
0.05
7.5
1.5
MMSZ4685
CM
3.42
3.6
3.78
0.05
7.5
2
MMSZ4686
CN
3.71
3.9
4.1
0.05
5
2
MMSZ4687
CP
4.09
4.3
4.52
0.05
4
2
MMSZ4688
CT
4.47
4.7
4.94
0.05
10
3
MMSZ4689
CU
4.85
5.1
5.36
0.05
10
3
MMSZ4690
CV
5.32
5.6
5.88
0.05
10
4
MMSZ4691
CA
5.89
6.2
6.51
0.05
10
5
MMSZ4692
CX
6.46
6.8
7.14
0.05
10
5.1
MMSZ4693
CY
7.13
7.5
7.88
0.05
10
5.7
MMSZ4694
CZ
7.79
8.2
8.61
0.05
1
6.2
MMSZ4695
DC
8.27
8.7
9.14
0.05
1
6.6
MMSZ4696
DD
8.65
9.1
9.56
0.05
1
6.9
MMSZ4697
DE
9.5
10
10.5
0.05
1
7.6
MMSZ4698
DF
10.5
11
11.6
0.05
0.05
8.4
MMSZ4699
DH
11.4
12
12.6
0.05
0.05
9.1
MMSZ4700
DJ
12.4
13
13.7
0.05
0.05
9.8
MMSZ4701
DK
13.3
14
14.7
0.05
0.05
10.6
MMSZ4702
DM
14.3
15
15.8
0.05
0.05
11.4
MMSZ4703
DN
15.2
16
16.8
0.05
0.05
12.1
MMSZ4704
DP
16.2
17
17.9
0.05
0.05
12.9
MMSZ4705
DT
17.1
18
18.9
0.05
0.05
13.6
MMSZ4706
DU
18.1
19
20
0.05
0.05
14.4
MMSZ4707
DV
19
20
21
0.05
0.01
15.2
MMSZ4708
DA
20.9
22
23.1
0.05
0.01
16.7
MMSZ4709
DZ
22.8
24
25.2
0.05
0.01
18.2
MMSZ4710
DY
23.8
25
26.3
0.05
0.01
19
MMSZ4711
EA
25.7
27
28.4
0.05
0.01
20.4
MMSZ4712
EC
26.6
28
29.4
0.05
0.01
21.2
MMSZ4713
ED
28.5
30
31.5
0.05
0.01
22.8
MMSZ4714
EE
31.4
33
34.7
0.05
0.01
25
MMSZ4715
EF
34.2
36
37.8
0.05
0.01
27.3
MMSZ4716
EH
37.1
39
41
0.05
0.01
29.6
MMSZ4717
EJ
40.9
43
45.2
0.05
0.01
32.6



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com