Electronic Components Datasheet Search
  English  ▼

X  

EDF1ASE377 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # EDF1ASE377
Description  Miniature Glass Passivated Ultrafast
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

EDF1ASE377 Datasheet(HTML) 1 Page - Vishay Siliconix

  EDF1ASE377 Datasheet HTML 1Page - Vishay Siliconix EDF1ASE377 Datasheet HTML 2Page - Vishay Siliconix EDF1ASE377 Datasheet HTML 3Page - Vishay Siliconix EDF1ASE377 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
EDF1AS, EDF1BS, EDF1CS, EDF1DS
www.vishay.com
Vishay General Semiconductor
Revision: 19-Aug-13
1
Document Number: 88578
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Miniature Glass Passivated Ultrafast
Surface Mount Bridge Rectifiers
FEATURES
• UL recognition, file number E54214
• Ideal for automated placement
• Ultrafast
reverse
recovery
time
for
high
frequency
• High surge current capability
• Meets MSL level 1, per J-STD-020, LF maximum
peak of 260 °C
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
TYPICAL APPLICATIONS
General purpose use in AC/DC bridge full wave rectification
for SMPS, lighting ballaster, adapter, battery charger, home
appliances, office equipment, and telecommunication
applications.
MECHANICAL DATA
Case: DFS
Molding compound meets UL 94 V-0 flammability rating
Base P/N-E3 - RoHS-compliant, commercial grade
Terminals:
Matte
tin
plated
leads,
solderable
per
J-STD-002 and JESD22-B102
E3 suffix meets JESD 201 class 1A whisker test
Polarity: As marked on body
Note
(1) Pulse test: 300 ms pulse width, 1 % duty cycle
Note
(1) Pulse test: 300 ms pulse width, 1 % duty cycle
PRIMARY CHARACTERISTICS
Package
DFS
IF(AV)
1 A
VRRM
50 V, 100 V, 150 V, 200 V
IFSM
50 A
IR
5 μA
VF at IF = 1.0 A
1.05 V
trr
50 ns
TJ max.
150 °C
Diode variations
Quad
~
~
Case Style DFS
~
~
MAXIMUM RATINGS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
EDF1AS
EDF1BS
EDF1CS
EDF1DS
UNIT
Maximum repetitive peak reverse voltage
VRRM
50
100
150
200
V
Maximum RMS voltage
VRMS
35
70
106
140
V
Maximum DC blocking voltage
VDC
50
100
150
200
V
Maximum average forward output rectified current at TA = 40 °C (1)
IF(AV)
1.0
A
Peak forward surge current single half sine-wave superimposed on
rated load
IFSM
50
A
Rating for fusing (t < 8.3 ms)
I2t10
A2s
Operating junction and storage temperature range
TJ, TSTG
- 55 to + 150
°C
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL
EDF1AS
EDF1BS
EDF1CS
EDF1DS
UNIT
Maximum instantaneous forward
voltage drop per diode
1.0 A (1)
VF
1.05
V
Maximum DC reverse current at rated
DC blocking voltage per diode
TA = 25 °C
IR
5.0
μA
TA = 125 °C
1.0
mA
Maximum reverse recovery time per
diode
IF = 0.5 A, IR = 1.0 A, 
Irr = 0.25 A
trr
50
ns


Similar Part No. - EDF1ASE377

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
EDF1AS GE-EDF1AS Datasheet
84Kb / 2P
MINIATURE GLASS PASSIVATED FAST EFFICIENT SURFACE MOUNT BRIDGE RECTIFIER
logo
Vishay Siliconix
EDF1AS VISHAY-EDF1AS Datasheet
105Kb / 4P
Miniature Glass Passivated Ultrafast Surface Mount Bridge Rectifiers
30-Jan-08
EDF1AS VISHAY-EDF1AS Datasheet
85Kb / 4P
Miniature Glass Passivated Ultrafast Surface Mount Bridge Rectifiers
19-Aug-13
EDF1AS VISHAY-EDF1AS Datasheet
95Kb / 5P
Miniature Glass Passivated Ultrafast Surface-Mount Bridge Rectifiers
09-Jul-2020
EDF1AS-E3/45 VISHAY-EDF1AS-E3/45 Datasheet
86Kb / 5P
Miniature Glass Passivated Ultrafast Surface Mount Bridge Rectifiers
25-Feb-16
More results

Similar Description - EDF1ASE377

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
EDF1AM VISHAY-EDF1AM Datasheet
95Kb / 4P
Miniature Glass Passivated Ultrafast Bridge Rectifier
14-Jan-08
EDF1AS VISHAY-EDF1AS Datasheet
105Kb / 4P
Miniature Glass Passivated Ultrafast Surface Mount Bridge Rectifiers
30-Jan-08
FGP20B VISHAY-FGP20B_12 Datasheet
79Kb / 4P
Glass Passivated Ultrafast Rectifier
15-Mar-11
FGP30B VISHAY-FGP30B_12 Datasheet
79Kb / 4P
Glass Passivated Ultrafast Rectifier
15-Mar-11
EDF1BS-E3-77 VISHAY-EDF1BS-E3-77 Datasheet
85Kb / 4P
Miniature Glass Passivated Ultrafast Surface Mount Bridge Rectifiers
19-Aug-13
logo
Taiwan Semiconductor Co...
EABS1D TSC-EABS1D Datasheet
218Kb / 4P
1A, 200V - 600V Miniature Ultrafast Glass Passivated Bridge Rectifiers
logo
Vishay Siliconix
EDF1AM VISHAY-EDF1AM_13 Datasheet
79Kb / 5P
Miniature Glass Passivated Ultrafast Bridge Rectifier
16-Aug-13
EDF1AS VISHAY-EDF1AS_16 Datasheet
86Kb / 5P
Miniature Glass Passivated Ultrafast Surface Mount Bridge Rectifiers
25-Feb-16
EDF1AM VISHAY-EDF1AM_V01 Datasheet
89Kb / 5P
Miniature Glass Passivated Ultrafast Bridge Rectifier
03-Sep-2020
EDF1AS VISHAY-EDF1AS_V01 Datasheet
95Kb / 5P
Miniature Glass Passivated Ultrafast Surface-Mount Bridge Rectifiers
09-Jul-2020
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com