Electronic Components Datasheet Search
  English  ▼

X  

CLSA2010 Datasheet(PDF) 2 Page - Riedon Powertron

Part # CLSA2010
Description  Current Sensing Chip Resistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RIEDON [Riedon Powertron]
Direct Link  http://www.riedon.com
Logo RIEDON - Riedon Powertron

CLSA2010 Datasheet(HTML) 2 Page - Riedon Powertron

  CLSA2010 Datasheet HTML 1Page - Riedon Powertron CLSA2010 Datasheet HTML 2Page - Riedon Powertron  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Riedon Inc.
300 Cypress Avenue
Alhambra CA 91801
(626) 284-9901
(626) 284-1704
www.riedon.com
Page 12
09/13
CLSA Series
Current Sensing Chip Resistor
Test
Requirement
Test Method
Temperature Coefficient of Resistance
As Spec.
-55°C to 125°C, 25°C reference temperature
Short Time Overload
±0.5%+0.05Ω
RCWV*2.5 or Max. overload voltage for 5
seconds
Insulation Resistance
>10G
Max. overload voltage for 1 minute
Load Life
±1.0%+0.05Ω
70±2°C, Max. working voltage for 1000 hrs with
1.5 hrs “ON” and 0.5 hrs “OFF”
Biased Humidity
±1.0%+0.05Ω
1000hrs 85°C/85% RH 10% of operating power
High Temperature Exposure
±0.5%+0.05Ω
at +155°C for 1000 hrs
Bending Strength
As Spec.
Bending once for 5 seconds
with 3mm
Thermal Shock
±0.5%+0.05Ω
-55°C/+155°C. 300 cycles with maximum trans-
fer time of 20 seconds. Dwell time 15 minutes
air to air
Solderability
95% min. coverage
245±5°C for 3 seconds
Resistance to Soldering Heat
±0.5%+0.05Ω
260±5°C for 10 seconds
Voltage Proof
No breakdown or flashover
1.42 times RCWV (RMS) for 1 minute
Leaching
Individual leaching area <5%
Total leaching area <10%
260±5°C for 30 seconds
Temperature Cycling
±0.5%+0.05Ω
-55°C to +125°C, 1000 cycles
Moisture Resistance
±1.0%+0.05Ω
24hrs/cycle
Mechanical Shock
±0.25%+0.05Ω
Wave form: Tolerance for half sine pulse
Peak value of 100g’s. Normal Duration (D) is 6
Vibration
±0.5%+0.05Ω
5 g’s for 20 min., 12 cycles each of 3 orienta-
tions, 10-2000 H
ESD
±1.0%+0.05Ω
Human body, 2KV
Flame Retardance
No Flame Present
Temperature sensing at 500°C, voltage power
subjected to 32VDC current clamped up to
500ADC and decreased in 1.0VDC/hour
Resistance to Solvents
Marking Unsmeared
Add Aqueous wash chemical - OKEM Clean or
equivalent. Do not use banned solvents.
Terminal strength
Not broken
Force of 1.8kg for 60 second
Environmental Characteristics



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com