Electronic Components Datasheet Search
  English  ▼

X  

FPR2-1623 Datasheet(PDF) 2 Page - Riedon Powertron

Part # FPR2-1623
Description  Precision Shunt Resistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RIEDON [Riedon Powertron]
Direct Link  http://www.riedon.com
Logo RIEDON - Riedon Powertron

FPR2-1623 Datasheet(HTML) 2 Page - Riedon Powertron

  FPR2-1623 Datasheet HTML 1Page - Riedon Powertron FPR2-1623 Datasheet HTML 2Page - Riedon Powertron FPR2-1623 Datasheet HTML 3Page - Riedon Powertron  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Riedon Inc.
300 Cypress Avenue
Alhambra CA 91801
(626) 284-9901
(626) 284-1704
www.riedon.com
Page 39
06/13
Temperature Coefficient
SPECIFICATIONS (continued)
FPR 2-1617 1623 2614
FPR 4-3316
Dimensions
Derating
Precision Shunt Resistors
-15ppm/K
+15ppm/K
Nominal ∆R/R
Limit 2 (3σ)
Limit 1 (3σ)
Temperature (°C)
4000
2000
0
-2000
-4000
-6000
-8000
-20
0
-40
80
140
120
100
60
20
40
100
Resistance Value (mOhm)
5
150
10
200
20
50
2
200
0
250
50 100
table A
0
20
40
60
80
100
120
25
50
70
85
100
115
130
Ambient Temperature (°C)
0.5%
0.2%
0.1%
Riedon Inc.
300 Cypress Avenue
Alhambra CA 91801
(626) 284-9901
(626) 284-1704
www.riedon.com
Page 38
06/13
FPR 2-1617 1623 2614
FPR 4-3316
Precision Shunt Resistors
Type
FPR 2-1617
FPR 2-1623
FPR 2-2614
FPR 4-3316
Resistance Range
0.01 to 50 Ohms
0.01 to 100 Ohms
0.001 to 100 Ohms
Power rating (70°C)
1 W
2 W
Tolerances
from 0.001 Ohms
from 0.005 Ohms
from 0.01 Ohms
from 0.02 Ohms
from 1.0 Ohms
0.5% / 1% / 2% / 5%
0.25% / 0.5% / 1% / 2% / 5%
0.1% / 0.25% / 0.5% / 1% / 2% / 5%
1% / 2%
0.5% / 1% / 2%
0.25% / 0.5% / 1%
0.1% / 0.25% / 0.5%
Stability
0.1% / 0.2% / 0.5%
(depends on stress)
Temperature Coefficient
R > 0.2 Ohms ±15ppm/K (20 to 60°C)
R ≤ 0.2 Ohms TCR see table A next page
±15ppm/°C
(20 to 60°C)
Insolation Resistance
> 10 GOhm
Thermal EMF
< 0.1µV/K
Operating Temperature Range
-40 to 130°C
Resistor Material
CuNiMn-Foil
Substrate
anodized aluminium
Housing
Epoxy sintered
Connector Material
Cu tinned
Terminals
2
4
SPECIFICATIONS
Part Description: Part Type - Resistance - Contact - Tolerance
FPR 4-3316 0.01 Ohms A 1.0%
Ordering Information
• Resistances from 0.001Ohm to 100Ohms
• Power Rating to 2Watt
• Resistance Tolerances to ±0.1%
• TCR to ±15ppm/°C
• Load Stability to 0.1%
Dimension
mm
tol.
(±mm)
inches
tol.
(±inches)
A
22.00
0.2
0.87
0.008
B
16.00
0.2
0.63
0.008
C
17.00
0.2
0.67
0.008
D
16.00
0.2
0.63
0.008
E
3.00
0.1
0.12
0.004
F
10.16
0.2
0.40
0.008
G(A-Contact)
1.50
0.1
0.06
0.004
G(K-Contact)
1.10
0.1
0.04
0.004
H
4.30
0.2
0.17
0.008
I (A-Contact)
0.80
0.1
0.03
0.004
I (K-Contact)
0.50
0.1
0.02
0.004
FPR 2-1617



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com