Electronic Components Datasheet Search
  English  ▼

X  

AD5060 Datasheet(PDF) 12 Page - Analog Devices

Part # AD5060
Description  Fully Accurate 14-/16-Bit VOUT nanoDAC??SPI Interface 2.7 V to 5.5 V, in an SOT-23
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5060 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD5060 Datasheet HTML 8Page - Analog Devices AD5060 Datasheet HTML 9Page - Analog Devices AD5060 Datasheet HTML 10Page - Analog Devices AD5060 Datasheet HTML 11Page - Analog Devices AD5060 Datasheet HTML 12Page - Analog Devices AD5060 Datasheet HTML 13Page - Analog Devices AD5060 Datasheet HTML 14Page - Analog Devices AD5060 Datasheet HTML 15Page - Analog Devices AD5060 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
AD5040/AD5060
Rev. A | Page 12 of 24
5.005
4.975
4.980
4.985
4.990
4.995
5.000
5.50
5.00
5.05
5.10
5.15
5.20
5.25
5.30
5.35
5.40
5.45
VDD (V)
VREF = 5V
TA = 25°C
Figure 28. Typical Output vs. Supply Voltage
CH2 2V/DIV
CH1 2V/DIV
TIME BASE = 5.00
μs
CH3 2V
CH3 = SCLK
CH2 = VOUT
CH1 = TRIGGER
Figure 29. Time to Exit Power-Down to Midscale
–50
100
1k
10k
100k
1M
VDD = 5V
VREF = 4.096V
TA = 25°C
400
350
300
250
200
150
100
50
0
FREQUENCY (Hz)
QUARTER-SCALE
ZERO-SCALE
FULL-SCALE
MID-SCALE
Figure 30. Noise Spectral Density
CH4 50.0mV
M4.00
μs
CH1
1.64V
C4 = 143mV p-p
1k
Ω TO GND
ZERO-SCALE
Figure 31. Glitch upon Entering Software Power-Down to Zero Scale
CH4 20.0mV
M1.00
μs
CH1
1.64V
C4 = 50mV p-p
1k
Ω TO GND
ZERO-SCALE
Figure 32. Glitch upon Exiting Software Power-Down to Zero Scale
CH3 2.00V
CH2 50mV
M1.00ms
CH3
1.36V
2
C2
25mV p-p
C3
4.96V p-p
C3 FALL
935.0
μs
C3 RISE
∞s
NO VALID
EDGE
3
T
T
Figure 33. Glitch upon Entering Hardware Power-Down to Three-State



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com