Electronic Components Datasheet Search
  English  ▼

X  

ADR391 Datasheet(PDF) 13 Page - Analog Devices

Part # ADR391
Description  12-/14-Bit High Bandwidth Multiplying DACs with Serial Interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR391 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADR391 Datasheet HTML 9Page - Analog Devices ADR391 Datasheet HTML 10Page - Analog Devices ADR391 Datasheet HTML 11Page - Analog Devices ADR391 Datasheet HTML 12Page - Analog Devices ADR391 Datasheet HTML 13Page - Analog Devices ADR391 Datasheet HTML 14Page - Analog Devices ADR391 Datasheet HTML 15Page - Analog Devices ADR391 Datasheet HTML 16Page - Analog Devices ADR391 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
Data Sheet
AD5444/AD5446
Rev. E | Page 13 of 28
–100
–90
–80
–60
–40
–20
0
10k
35k
TA = 25°C
VREF = 3.5V
AD8038 AMP
FREQUENCY (Hz)
30k
25k
20k
15k
–70
–50
–30
–10
Figure 34. Narrow-Band IMD, fOUT = 20 kHz and 25 kHz, Clock = 1 MHz
–100
–90
–80
–60
–40
–20
0
0
500k
TA = 25°C
VREF = 3.5V
AD8038 AMP
FREQUENCY (Hz)
400k
300k
200k
100k
–70
–50
–30
–10
Figure 35. Wideband IMD, fOUT = 20 kHz and 25 kHz, Clock = 1 MHz
100
1k
10k
100k
1M
FREQUENCY (Hz)
80
0
70
TA = 25°C
AD8038 AMP
50
60
40
20
30
10
FULL SCALE
LOADED TO DAC
MIDSCALE
LOADED TO DAC
ZERO SCALE
LOADED TO DAC
Figure 36. Output Noise Spectral Density



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com