Electronic Components Datasheet Search
  English  ▼

X  

AD8551 Datasheet(PDF) 21 Page - Analog Devices

Part # AD8551
Description  12-/14-Bit High Bandwidth Multiplying DACs with Serial Interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8551 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD8551 Datasheet HTML 17Page - Analog Devices AD8551 Datasheet HTML 18Page - Analog Devices AD8551 Datasheet HTML 19Page - Analog Devices AD8551 Datasheet HTML 20Page - Analog Devices AD8551 Datasheet HTML 21Page - Analog Devices AD8551 Datasheet HTML 22Page - Analog Devices AD8551 Datasheet HTML 23Page - Analog Devices AD8551 Datasheet HTML 24Page - Analog Devices AD8551 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
Data Sheet
AD5444/AD5446
Rev. E | Page 21 of 28
MICROPROCESSOR INTERFACING
Microprocessor interfacing to the AD5444/AD5446 DAC is
through a serial bus that uses standard protocol compatible
with microcontrollers and DSP processors. The communica-
tions channel is a 3-wire interface consisting of a clock signal, a
data signal, and a synchronization signal. The AD5444/AD5446
requires a 16-bit word, with the default being data valid on the
falling edge of SCLK, but this can be changed using the control
bits in the data-word.
ADSP-21xx to AD5444/AD5446 Interface
The ADSP-21xx family of DSPs is easily interfaced to the
AD5444/AD5446 DAC without the need for extra glue logic.
Figure 46 is an example of an SPI interface between the DAC
and the ADSP-2191M. SCK of the DSP drives the serial clock
line, SCLK. SYNC is driven from one of the port lines, in this
case SPIxSEL.
SCLK
SCK
SYNC
SPIxSEL
SDIN
MOSI
ADSP-2191M*
*ADDITIONAL PINS OMITTED FOR CLARITY.
AD5444/
AD5446*
Figure 46. ADSP-2191M SPI to AD5444/AD5446 Interface
A serial interface between the DAC and DSP SPORT is shown
in Figure 47. In this interface example, SPORT0 is used to trans-
fer data to the DAC shift register. Transmission is initiated by
writing a word to the Tx register after the SPORT has been
enabled. In a write sequence, data is clocked out on each rising
edge of the DSP serial clock and clocked into the DAC input
shift register on the falling edge of its SCLK. The update of the
DAC output takes place on the rising edge of the SYNC signal.
SCLK
SCLK
SYNC
TFS
SDIN
DT
ADSP-2101/
ADSP-2191M*
*ADDITIONAL PINS OMITTED FOR CLARITY.
AD5444/AD5446*
Figure 47. ADSP-2101/ADSP-2191M to
AD5444/AD5446 Interface
Communication between two devices at a given clock speed
is possible when the following specifications are compatible:
frame sync delay and frame sync setup-and-hold, data delay
and data setup-and-hold, and SCLK width. The DAC inter-
face expects a t4 (SYNC falling edge to SCLK falling edge setup
time) of 13 ns minimum. See the ADSP-21xx User Manual for
information on clock and frame sync frequencies for the
SPORT register.
Table 11 shows the setup for the SPORT control register.
Table 11. SPORT Control Register Setup
Name
Setting
Description
TFSW
1
Alternate framing
INVTFS
1
Active low frame signal
DTYPE
00
Right-justify data
ISCLK
1
Internal serial clock
TFSR
1
Frame every word
ITFS
1
Internal framing signal
SLEN
1111
16-bit data-word
ADSP-BF5xx to AD5444/AD5446 Interface
The ADSP-BF5xx family of processors has an SPI-compatible
port that enables the processor to communicate with SPI-
compatible devices. A serial interface between the ADSP-BF5xx
and the AD5444/AD5446 DAC is shown in Figure 48. In this
configuration, data is transferred through the MOSI (master
output/slave input) pin. SYNC is driven by the SPI chip select
pin, which is a reconfigured programmable flag pin.
SCLK
SCK
SYNC
SPIxSEL
SDIN
MOSI
ADSP-BF5xx*
*ADDITIONAL PINS OMITTED FOR CLARITY
AD5444/AD5446*
Figure 48. ADSP-BF5xx to AD5444/AD5446 Interface
The ADSP-BF5xx processor incorporates channel synchronous
serial ports (SPORT). A serial interface between the DAC and
the DSP SPORT is shown in Figure 49. When the SPORT is
enabled, initiate transmission by writing a word to the Tx register.
The data is clocked out on each rising edge of the DSPs serial
clock and clocked into the DAC input shift register on the
falling edge of its SCLK. The DAC output is updated by using
the transmit frame synchronization (TFS) line to provide a
SYNC signal.
SCLK
SCLK
SYNC
TFS
SDIN
DT
ADSP-BF5xx*
*ADDITIONAL PINS OMITTED FOR CLARITY
AD5444/AD5446*
Figure 49. ADSP-BF5xx to AD5444/AD5446 Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com