Electronic Components Datasheet Search
  English  ▼

X  

ADG725 Datasheet(PDF) 1 Page - Analog Devices

Part # ADG725
Description  16-/32-Channel, Serially Controlled 4, 1.8 V to 5.5 V, 2.5 V, Analog Multiplexers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG725 Datasheet(HTML) 1 Page - Analog Devices

  ADG725 Datasheet HTML 1Page - Analog Devices ADG725 Datasheet HTML 2Page - Analog Devices ADG725 Datasheet HTML 3Page - Analog Devices ADG725 Datasheet HTML 4Page - Analog Devices ADG725 Datasheet HTML 5Page - Analog Devices ADG725 Datasheet HTML 6Page - Analog Devices ADG725 Datasheet HTML 7Page - Analog Devices ADG725 Datasheet HTML 8Page - Analog Devices ADG725 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
REV. A
a
ADG725/ADG731
16-/32-Channel, Serially Controlled 4
1.8 V to 5.5 V,
2.5 V, Analog Multiplexers
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© 2003 Analog Devices, Inc. All rights reserved.
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective companies.
FEATURES
3-Wire SPI Compatible Serial Interface
1.8 V to 5.5 V Single Supply
2.5 V Dual-Supply Operation
4
On Resistance
0.5
On Resistance Flatness
7 mm x 7 mm 48-Lead Chip Scale Package (LFCSP)
or 48-Lead TQFP Package
Rail-to-Rail Operation
Power-On Reset
42 ns Switching Times
Single 32-to-1 Channel Multiplexer
Dual/Differential 16-to-1 Channel Multiplexer
TTL/CMOS Compatible Inputs
For Functionally Equivalent Devices with Parallel
Interface, See ADG726/ADG732
APPLICATIONS
Optical Applications
Data Acquisition Systems
Communication Systems
Relay Replacement
Audio and Video Switching
Battery-Powered Systems
Medical Instrumentation
Automatic Test Equipment
FUNCTIONAL BLOCK DIAGRAM
S1
S32
D
ADG731
INPUT SHIFT
REGISTER
S1A
DA
S16A
S1B
S16B
DB
ADG725
INPUT SHIFT
REGISTER
SCLK DIN
SYNC
SCLK DIN
SYNC
GENERAL DESCRIPTION
The ADG731/ADG725 are monolithic, CMOS, 32-channel/
dual 16-channel analog multiplexers with a serially controlled
3-wire interface. The ADG731 switches one of 32 inputs
(S1–S32) to a common output, D. The ADG725 can be config-
ured as a dual mux switching one of 16 inputs to one output, or a
differential mux switching one of 16 inputs to a differential output.
These mulitplexers utilize a 3-wire serial interface that is com-
patible with SPI
®, QSPI™, MICROWIRE™, and some DSP
interface standards. On power-up, the Internal Shift Register
contains all zeros and all switches are in the OFF state.
These multiplexers are designed on an enhanced submicron
process that provides low power dissipation yet gives high switch-
ing speed with very low on resistance and leakage currents.
They operate from a single supply of 1.8 V to 5.5 V or a
±2.5 V dual supply, making them ideally suited to a variety of
applications. On resistance is in the region of a few ohms, is
closely matched between switches, and is very flat over the full
signal range.
These parts can operate equally well as either multiplexers or
demultiplexers and have an input signal range that extends to the
supplies. In the OFF condition, signal levels up to the supplies
are blocked. All channels exhibit break-before-make switching
action, preventing momentary shorting when switching channels.
The ADG731 and ADG725 are serially controlled 32-channel,
and dual/differential 16-channel multiplexers, respectively. They
are available in either a 48-lead LFCSP or TQFP package.
PRODUCT HIGHLIGHTS
1.
3-Wire Serial Interface
.
2.
1.8 V to 5.5 V Single-Supply or
±2.5 V Dual-Supply
Operation. These parts are specified and guaranteed
with 5 V
±10%, 3 V ±10% single-supply,
and
±2.5 V ±10% dual-supply rails.
3.
On Resistance of 4
W.
4.
Guaranteed Break-Before-Make Switching Action.
5.
7 mm
¥ 7 mm 48-Lead Chip Scale Package (LFCSP) or
48-Lead TQFP Package.


Similar Part No. - ADG725

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG725 AD-ADG725 Datasheet
270Kb / 15P
16-/32- Channel, Serially Controlled 4 ??1.8 V to 5.5 V, 짹2.5 V, Analog Multiplexers
ADG725 AD-ADG725 Datasheet
362Kb / 16P
16-/32-Channel, Serially Controlled 4  1.8 V to 5.5 V, 2.5 V, Analog Multiplexers
REV. A
ADG725 AD-ADG725 Datasheet
285Kb / 17P
16-/32-Channel, Serially Controlled 4  1.8 V to 5.5 V, 2.5 V, Analog Multiplexers
Rev. B
ADG725BCP AD-ADG725BCP Datasheet
270Kb / 15P
16-/32- Channel, Serially Controlled 4 ??1.8 V to 5.5 V, 짹2.5 V, Analog Multiplexers
ADG725BCP AD-ADG725BCP Datasheet
362Kb / 16P
16-/32-Channel, Serially Controlled 4 1.8 V to 5.5 V, 2.5 V, Analog Multiplexers
REV. A
More results

Similar Description - ADG725

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG725 AD-ADG725 Datasheet
270Kb / 15P
16-/32- Channel, Serially Controlled 4 ??1.8 V to 5.5 V, 짹2.5 V, Analog Multiplexers
ADG726 AD-ADG726 Datasheet
201Kb / 13P
16-/32- Channel, 3.5 ??1.8 V to 5.5 V, 짹2.5 V, Analog Multiplexers
ADG706 AD-ADG706_02 Datasheet
246Kb / 12P
CMOS, 1.8 V to 5.5 V/2.5 V, 2.5  Low-Voltage, 8-/16-Channel Multiplexers
REV. A
ADG726 AD-ADG726_02 Datasheet
262Kb / 12P
16-/32-Channel, 4  1.8 V to 5.5 V, 2.5 V Analog Multiplexers
REV. 0
ADG732BSUZ AD-ADG732BSUZ Datasheet
262Kb / 12P
16-/32-Channel, 4  1.8 V to 5.5 V, 2.5 V Analog Multiplexers
REV. 0
ADG725 AD-ADG725_03 Datasheet
362Kb / 16P
16-/32-Channel, Serially Controlled 4 1.8 V to 5.5 V, 2.5 V, Analog Multiplexers
REV. A
ADG706BRUZ AD-ADG706BRUZ Datasheet
246Kb / 12P
CMOS, 1.8 V to 5.5 V/2.5 V, 2.5 Low-Voltage, 8-/16-Channel Multiplexers
REV. A
ADG726BSUZ AD-ADG726BSUZ Datasheet
227Kb / 12P
16-/32-Channel,4 1.8 V to 5.5 V, 2.5 V Analog Multiplexers
REV. 0
ADG731BCPZ AD-ADG731BCPZ Datasheet
362Kb / 16P
16-/32-Channel, Serially Controlled 4  1.8 V to 5.5 V, 2.5 V, Analog Multiplexers
REV. A
ADG725 AD-ADG725_V01 Datasheet
285Kb / 17P
16-/32-Channel, Serially Controlled 4  1.8 V to 5.5 V, 2.5 V, Analog Multiplexers
Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com